Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM6322ACPZ-R2
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  SSM6322ACPZ-R2 Datasheet HTML 1Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 2Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 3Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 4Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 5Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 6Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 7Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 8Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Fidelity, Low Power,
Integrated Stereo Audio Amplifier
Data Sheet
SSM6322
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Flexible architecture to interface with all digital-to-analog
converters (DACs)
Accepts differential current or voltage input (provides
single-ended voltage output)
High output current drive capability
Greater than 100 mA rms output current
Accurately reproduces large music transients into heavy
loads (16 Ω to 32 Ω)
Excellent audio fidelity
−121 dB total harmonic distortion plus noise (THD + N) at
1 kHz, 2 V rms output with ±5 V supply and 32 Ω load
Low output integrated noise (10 Hz to 22 kHz) of
1.8 μV rms with A-weighted filter
Supply range: ±3.3 V to ±6 V (typical)
Low power operation
Enabled: 60 mW, VCC = +5 V, VEE = −5 V
Disabled/voice select: <30 μA
Low power disable mode with high output impedance
High-Z in power-down mode eliminating voice mode
switch from the high fidelity path
Greater than 87 dB power supply rejection ratio (PSRR) at
20 kHz
Adjustable input common-mode voltage with resistor
programmable reference voltage
1.45 V (typical) with no external components
Capable of two single-pole, low-pass filters in series
2.2 nF maximum input capacitor
Second filter between the GAINx and FILTx pins
Pop and click noise suppression
Signal chain integration supports small printed circuit board
(PCB) area
Compact 4 mm × 4 mm LFCSP package
APPLICATIONS
High fidelity headphone drivers
Mobile phones
Bluetooth speakers and headphones
Gaming notebooks and tablets
A/V receivers
Professional audio equipment
Audio test equipment
Automobile infotainment systems
FUNCTIONAL BLOCK DIAGRAM
SSM6322
GAIN1
VNFB1
REF1
GND1
VEE2
2
VP1
VN1
INPUT
VOUT1
OUTPUT
GAIN2
FILT1
FILT2
VP2
VN2
5
6
INPUT
VOUT2
VNFB2
OUTPUT
1
22
24
23
18
17
9
REF2
7
8
13
14
16
SD
SD2
3
4
10
21
GND2
GND3
GND4
11
12
VCC2
VEE1 VCC1
20
19
15
Figure 1.
GENERAL DESCRIPTION
The SSM6322 is an integrated, dual-channel audio amplifier
solution that interfaces directly with audio DAC/CODEC,
maximizing the fidelity of high fidelity audio signal chains. The
highly efficient design of the SSM6322 delivers outstanding
audio performance while minimizing power dissipation for
maximum battery life in portable applications.
The SSM6322 features −121 dB THD + N at 1 kHz, along
with very low output noise from 20 Hz to 20 kHz. The low power
operation, high peak output current, and high PSRR make the
SSM6322 an ideal candidate for applications that require high
fidelity audio, high dynamic range, precision, and low power. This
highly integrated drive solution also reduces development time
while reducing board space and minimizing external components.
The SSM6322 is available in a 24-lead LFCSP package. The
SSM6322 operates over the industrial temperature of −40°C to
+85°C.


Similar Part No. - SSM6322ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM630GP SSC-SSM630GP Datasheet
629Kb / 7P
N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM6322ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4702 NSC-LM4702 Datasheet
824Kb / 15P
LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
90074 TI-90074 Datasheet
856Kb / 16P
Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
LM4702CTA TI1-LM4702CTA Datasheet
511Kb / 20P
LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
INA1620 TI1-INA1620 Datasheet
1Mb / 28P
High-Fidelity Audio Operational Amplifier With Integrated Thin-Film Resistors
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
10W Stereo Integrated Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2025 HMSEMI-HM2025 Datasheet
490Kb / 4P
stereo audio power amplifier integrated circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com