Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM6322ACPZ-R2
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM6322ACPZ-R2 Datasheet HTML 8Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 9Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 10Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 11Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 15Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SSM6322
Data Sheet
Rev. 0 | Page 12 of 20
0
–5
–4
–3
–2
–1
–6
01.0
4.0
2.0
5.0
3.0
0.5
1.5
4.5
2.5
5.5
3.5
6.0
VSY (V)
VSY = 0V TO ±6V
ISY = +85°C
ISY = +25°C
ISY = 0°C
ISY = –40°C
Figure 28. Supply Current (−ISY) vs. Supply Voltage (VSY)
125
117
119
121
123
115
–40
–15
10
35
60
85
TEMPERATURE (°C)
AVO = ±5V, RL = 600Ω
AVO = ±3.3V, RL = 600Ω
Figure 29. Open-Loop Gain (AVO) vs. Temperature
–1.00
–2.25
–1.50
–2.00
–1.75
–1.25
–2.50
–40
–15
10
35
60
85
TEMPERATURE (°C)
VSY = ±5V
IB+
IB
Figure 30. Input Bias Current (IB±) vs. Temperature, VSY = ±5 V
–1.00
–2.25
–1.50
–2.00
–1.75
–1.25
–2.50
–40
–15
10
35
60
85
TEMPERATURE (°C)
VSY = ±3.3V
IB+
IB
Figure 31. Input Bias Current (IB±) vs. Temperature, VSY = ±3.3 V
4.00
2.75
3.50
3.00
3.25
3.75
2.50
–40
–15
10
35
60
85
TEMPERATURE (°C)
VSY = ±5V
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 32. Output Voltage High (VOH) vs. Temperature, VSY = ±5 V
–2.50
–3.75
–3.00
–3.50
–3.25
–2.75
–4.00
–40
–15
10
35
60
85
TEMPERATURE (°C)
VSY = ±5V
RL = 16Ω
RL = 32Ω
RL = 600Ω
Figure 33. Output Voltage Low (VOL) vs. Temperature, VSY = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com