Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6322ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM6322ACPZ-R2
Description  High Fidelity, Low Power, Integrated Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM6322ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM6322ACPZ-R2 Datasheet HTML 7Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 8Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 9Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 10Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 11Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 12Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 13Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 14Page - Analog Devices SSM6322ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
SSM6322
Rev. 0 | Page 11 of 20
60
10
20
30
40
50
0
VOS (µV)
VSY = ±3.3V, TA = 25°C
600 CHANNELS
MEAN = 42µV
STDEV = 45µV
Figure 22. Input Offset Voltage (VOS) Distribution, VSY = ±3.3 V
10
1
0.1
0.001
0.01
10
0.1
100
1
1000
ILOAD (mA)
VSY = ±5V
+85°C
+25°C
0°C
–40°C
Figure 23. Output Voltage High (VOH) to Supply Rail vs. Load Current (ILOAD),
VSY = ±5 V
10
1
0.1
0.001
0.01
10
0.1
100
1
1000
ILOAD (mA)
VSY = ±5V
+85°C
+25°C
0°C
–40°C
Figure 24. Output Voltage Low (VOL) to Supply Rail vs. Load Current (ILOAD)
VSY = ±5 V
10
1
0.1
0.001
0.01
10
0.1
100
1
1000
ILOAD (mA)
VSY = ±3.3V
+85°C
+25°C
0°C
–40°C
Figure 25. Output Voltage High (VOH) to Supply Rail vs. Load Current (ILOAD),
VSY = ±3.3 V
10
1
0.1
0.001
0.01
10
0.1
100
1
1000
ILOAD (mA)
VSY = ±3.3V
+85°C
+25°C
0°C
–40°C
Figure 26. Output Voltage Low (VOL) to Supply Rail vs. Load Current (ILOAD) ,
VSY = ±3.3 V
7
1
2
3
4
5
6
0
01.0
4.0
2.0
5.0
3.0
0.5
1.5
4.5
2.5
5.5
3.5
6.0
VSY (V)
VSY = 0V TO ±6V
ISY = +85°C
ISY = +25°C
ISY = 0°C
ISY = –40°C
Figure 27. Positive Supply Current (+ISY) vs. Supply Voltage (VSY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com