Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 9Page - ATMEL Corporation PC7410 Datasheet HTML 10Page - ATMEL Corporation PC7410 Datasheet HTML 11Page - ATMEL Corporation PC7410 Datasheet HTML 12Page - ATMEL Corporation PC7410 Datasheet HTML 13Page - ATMEL Corporation PC7410 Datasheet HTML 14Page - ATMEL Corporation PC7410 Datasheet HTML 15Page - ATMEL Corporation PC7410 Datasheet HTML 16Page - ATMEL Corporation PC7410 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
13
PC7410
2141D–HIREL–02/04
Internal Package Conduction
Resistance
Figure 4 depicts the primary heat transfer path for a package with an attached heat sink
mounted on a printed circuit board.
Heat generated on the active side of the chip is conducted through the silicon, then
through the heat sink attach material (or thermal interface material) and finally to the
heat sink where it is removed by forced-air convection.
Since the silicon thermal resistance is quite small, for a first-order analysis the tempera-
ture drop in the silicon may be neglected. Thus, the heat sink attach material and the
heat sink conduction/convective thermal resistances are the dominant terms.
Figure 4. C4 Package with Heat Sink Mounted on a Printed Circuit Board
Thermal Management
Information
This section provides thermal management information for the ceramic ball grid array
(CBGA) package for air-cooled applications. Proper thermal control design is primarily
dependent upon the system-level design – the heat sink, airflow and thermal interface
material. To reduce the die-junction temperature, heat sinks may be attached to the
package by several methods: adhesive, spring clip to holes in the printed-circuit board
or package and mounting clip and screw assembly; see Figure 5. This spring force
should not exceed 5.5 pounds of force. Ultimately, the final selection of an appropriate
heat sink depends on many factors such as thermal performance at a given air velocity,
spatial volume, mass, attachment method, assembly and cost.
Figure 5. CBGA Package Cross-section with Heat Sink Options
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Heat Sink
Thermal Interface Material
Die/Package
Die Junction
Package/Leads
Printed Circuit Board
Radiation
Convection
Printed-Circuit Board
Adhesive or
Thermal Interface Material
Heat Sink Clip
Heat Sink
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com