Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 15Page - ATMEL Corporation PC7410 Datasheet HTML 16Page - ATMEL Corporation PC7410 Datasheet HTML 17Page - ATMEL Corporation PC7410 Datasheet HTML 18Page - ATMEL Corporation PC7410 Datasheet HTML 19Page - ATMEL Corporation PC7410 Datasheet HTML 20Page - ATMEL Corporation PC7410 Datasheet HTML 21Page - ATMEL Corporation PC7410 Datasheet HTML 22Page - ATMEL Corporation PC7410 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
19
PC7410
2141D–HIREL–02/04
Electrical
Characteristics
Static Characteristics
Notes:
1. Nominal voltages; see Table 4 for recommended operating conditions.
2. For processor bus signals, the reference is OV
DD while L2OVDD is the reference for the L2 bus signals.
3. Excludes factory test signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OV
DD and L2OVDD, or both OVDD and L2OVDD must vary in the same direction (for
example, both OVDD and L2OVDD vary by either +5% or –5%).
6. Measured at max OVDD/L2OVDD
7. Excludes IEEE 1149.1 boundary scan (JTAG) signals.
Table 9. DC Electrical Specifications (see Table 4 for Recommended Operating Conditions)
Symbol
Characteristic
Nominal Bus
Voltage(1)
Min
Max
Unit
VIH
Input high voltage
(all inputs except SYSCLK)(2)(3)(8)
1.8
0.65 x (L2)OVDD
(L2)OVDD + 0.2
V
VIH
2.5
1.7
(L2)OVDD + 0.2
V
IH
3.3
2.0
OV
DD + 0.3
VIL
Input low voltage
(all inputs except SYSCLK)(8)
1.8
-0.3
0.35 x (L2)OVDD
V
VIL
2.5
-0.3
0.2 x (L2)OVDD
V
IL
3.3
-0.3
0.8
CVIH
SYSCLK input high voltage(2)(8)
1.8
1.5
OVDD + 0.2
V
CVIH
2.5
2.0
OVDD + 0.2
CV
IH
3.3
2.4
OV
DD + 0.3
CVIL
SYSCLK input low voltage(8)
1.8
-0.3
0.2
V
CVIL
2.5
-0.3
0.4
CV
IL
3.3
-0.3
0.4
IIN
Input leakage current,
V
IN = L2OVDD/OVDD
(2)(3)(6)(7)
1.8
–
20
µA
I
IN
2.5
–
35
I
IN
3.3
–
70
ITSI
High-Z (off-state) leakage current,
VIN = L2OVDD/OVDD
(2)(3)(5)(7)
1.8
–
20
µA
I
TSI
2.5
–
35
I
TSI
3.3
–
70
VOH
Output high voltage, I
OH = -6 mA
(8)
1.8
(L2)OVDD - 0.45
–
V
V
OH
2.5
1.7
–
V
OH
3.3
2.4
–
VOL
Output low voltage, IOL = 6 mA
(8)
1.8
–
0.45
V
V
OL
2.5
–
0.4
V
OL
3.3
–
0.4
CIN
Capacitance, VIN = 0V, f = 1 MHz
(3)(4)(7)
–6.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com