Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 35Page - ATMEL Corporation PC7410 Datasheet HTML 36Page - ATMEL Corporation PC7410 Datasheet HTML 37Page - ATMEL Corporation PC7410 Datasheet HTML 38Page - ATMEL Corporation PC7410 Datasheet HTML 39Page - ATMEL Corporation PC7410 Datasheet HTML 40Page - ATMEL Corporation PC7410 Datasheet HTML 41Page - ATMEL Corporation PC7410 Datasheet HTML 42Page - ATMEL Corporation PC7410 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
39
PC7410
2141D–HIREL–02/04
Clock Selection
The PC7410’s PLL is configured by the PLL_CFG[0:3] signals. For a given SYSCLK
(bus) frequency, the PLL configuration signals set the internal CPU and VCO frequency
of operation. The PLL configuration for the PC7410 is shown in Table 17 for example
frequencies. In this example, shaded cells represent settings that, for a given SYSCLK
frequency, result in core and/or VCO frequencies that do not comply with the minimum
and maximum core frequencies listed in Table 11.
Notes:
1. PLL_CFG[0:3] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO
frequencies which are not useful, not supported, or not tested for by the PC7410; see “Clock AC Specifications” on page 20
for valid SYSCLK, core, and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the bus mode
is set for 1:1 mode operation. This mode is intended for factory use and third- party emulator tool development only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL-off mode, no clocking occurs inside the PC7410 regardless of the SYSCLK input.
5. PLL-off mode should not be used during chip power-up sequencing.
Table 17. PC7410 Microprocessor PLL Configuration
(1)(2)(3)(4)(5)
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33.3 MHz
Bus
50 MHz
Bus
66.6 MHz
Bus
75 MHz
Bus
83.3 MHz
Bus
100 MHz
Bus
133 MHz
0100
2x
2x
0110
2.5x
2x
1000
3x
2x
400 (800)
1110
3.5x
2x
350 (700)
465 (930)
1010
4x
2x
400 (800)
0111
4.5x
2x
375 (750)
450 (900)
1011
5x
2x
375 (750)
416 (833)
500 (1000)
1001
5.5x
2x
366 (733)
412 (825)
458 (916)
1101
6x
2x
400 (800)
450 (900)
500 (1000)
0101
6.5x
2x
433 (866)
488 (967)
0010
7x
2x
350 (700)
466 (933)
0001
7.5x
2x
375 (750)
500
(1000)
1100
8x
2x
400 (800)
0000
9x
2x
450 (900)
0011
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied
1111
PLL off
PLL off, no core clocking occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com