Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 17Page - ATMEL Corporation PC7410 Datasheet HTML 18Page - ATMEL Corporation PC7410 Datasheet HTML 19Page - ATMEL Corporation PC7410 Datasheet HTML 20Page - ATMEL Corporation PC7410 Datasheet HTML 21Page - ATMEL Corporation PC7410 Datasheet HTML 22Page - ATMEL Corporation PC7410 Datasheet HTML 23Page - ATMEL Corporation PC7410 Datasheet HTML 24Page - ATMEL Corporation PC7410 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
21
PC7410
2141D–HIREL–02/04
Figure 8. SYSCLK Input Timing Diagram
Note:
VM = Midpoint Voltage (OV
DD/2)
Processor Bus AC
Specifications
Table 11 provides the processor AC timing specifications for the PC7410 as defined in
Figure 10 and Figure 11. Timing specifications for the L2 bus are provided in “L2 Bus
AC Specifications” on page 26.
Notes:
1. All input specifications are measured from the midpoint of the signal in question to the midpoint of the rising edge of the input
SYSCLK. All output specifications are measured from the midpoint of the rising edge of SYSCLK to the midpoint of the sig-
nal in question. All output timings assume a purely resistive 50
Ω load (see Figure 10). Input and output timings are
measured at the pin; time-of-flight delays must be added for trace lengths, vias and connectors in the system.
2. The symbology used for timing specifications herein follows the pattern of
t
(signal)(state)(reference)(state) for inputs and t(reference)(state)(signal)(state) for outputs. For example, tIVKH symbolizes the time input signals
(I) reach the valid state (V) relative to the SYSCLK reference (K) going to the high (H) state or input setup time. And tKHOV
symbolizes the time from SYSCLK (K) going high (H) until outputs (O) are valid (V) or output valid time. Input hold time can
be read as the time that the input signal (I) went invalid (X) with respect to the rising clock edge (KH) - note the position of
the reference and its state for inputs -and output hold time can be read as the time from the rising edge (KH) until the output
went invalid (OX).
3. The setup and hold time is with respect to the rising edge of HRESET (see Figure 11).
4. This specification is for configuration mode select only. Also note that the HRESET must be held asserted for a minimum of
255 bus clocks after the PLL re-lock time during the power-on reset sequence.
5. tSYSCLK is the period of the external clock (SYSCLK) in nanoseconds(ns). The numbers given in the table must be multiplied
by the period of SYSCLK to compute the actual time duration (in nanoseconds) of the parameter in question.
6. Mode select signals are BVSEL, EMODE, L2VSEL, PLL_CFG[0:3]
SYSCLK
VM
VM
VM
CVIL
CVIH
tKHKL
tSYSCLK
tKR
tKF
Table 11. Processor Bus AC Timing Specifications(1) at V
DD = AVDD = 1.8V ± 100 mV;
-55°C
≤ T
j ≤ 125°C, OVDD = 1.8V ± 100 mV
Symbol(2)
Parameter
400, 450, 500 MHz
Unit
Min
Max
tIVKH
Input Setup
1.0
–
ns
t
IXKH
Input Hold
0–
ns
t
KHTSV
tKHARV
tKHOV
Output Valid Times:(7)(8)
TS
ARTRY/SHD0/SHD1
All Other Outputs
–
–
–
3.0
2.3
3.0
ns
tKHTSX
t
KHARX
t
KHOX
Output Hold Times:(7)(12)
TS
ARTRY/SHD0/SHD1
All Other Outputs
0.5
0.5
0.5
–
–
–
ns
t
KHOE
(11)
SYSCLK to Output Enable
0.5
–
ns
tKHOZ
SYSCLK to Output High Impedance (all except ABB/AMON[0], ARTRY/SHD,
DBB/DMON[0]), SHD0, SHD1)
–3.5
ns
t
KHABPZ
(5)(9)(11)
SYSCLK to ABB/AMON[0], DBB/DMON[0] High Impedance after precharge
–
1
t
SYSCLK
tKHARP
(5)(10)(11)
Maximum Delay to ARTRY/SHD0/SHD1 Precharge
–
1
t
SYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com