Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 24Page - ATMEL Corporation PC7410 Datasheet HTML 25Page - ATMEL Corporation PC7410 Datasheet HTML 26Page - ATMEL Corporation PC7410 Datasheet HTML 27Page - ATMEL Corporation PC7410 Datasheet HTML 28Page - ATMEL Corporation PC7410 Datasheet HTML 29Page - ATMEL Corporation PC7410 Datasheet HTML 30Page - ATMEL Corporation PC7410 Datasheet HTML 31Page - ATMEL Corporation PC7410 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
28
PC7410
2141D–HIREL–02/04
IEEE 1149.1 AC Timing
Specifications
Table 14 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure
16, Figure 17, Figure 18 and Figure 19.
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK
to the midpoint of the signal in question. The output timings are measured at the pins.
All output timings assume a purely resistive 50
Ω load (see Figure 16). Time-of-flight
delays must be added for trace lengths, vias and connectors in the system.
2. TRST is an asynchronous level sensitive signal. The setup time is for test purposes
only.
3. Non-JTAG signal input timing with respect to TCK.
4. Non-JTAG signal output timing with respect to TCK.
5. Guaranteed by design and characterization
Figure 16. Alternate AC Test Load for the JTAG Interface
Figure 17. JTAG Clock Input Timing Diagram
Note:
VM = Midpoint Voltage (OVDD/2)
Table 14. JTAG AC Timing Specifications (Independent of SYSCLK)
(1)at Recom-
mended Operating Conditions (see Table 4)
Symbol
Parameter
Min
Max
Unit
fTCLK
TCK frequency of operation
0
33.3
MHz
t
TCLK
TCK cycle time
30
ns
tJHJL
TCK clock pulse width measured at OVDD/2
15
ns
tJR & tJF
TCK rise and fall times
0
2
ns
t
TRST
(2)
TRST assert time
25
ns
t
DVJH
(3)
tIVJH
Input Setup Times:
Boundary-scan data
TMS, TDI
4
0
ns
tDXJH
(3)
tIXJH
Input Hold Times:
Boundary-scan data
TMS, TDI
20
25
ns
tJLDV
(4)
t
JLOV
Valid Times:
Boundary-scan data
TDO
4
4
20
25
ns
t
JLDZ
(4)(5)
t
JLOZ
(5)
TCK to output high impedance:
Boundary-scan data
TDO
3
3
19
9
ns
Z0 = 50
Ω
RL = 50
Ω
OVDD/2
Output
TCLK
tJR
tJF
tJHJL
tTCLK
VM
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com