Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 4 Page - ATMEL Corporation

  PC7410 Datasheet HTML 1Page - ATMEL Corporation PC7410 Datasheet HTML 2Page - ATMEL Corporation PC7410 Datasheet HTML 3Page - ATMEL Corporation PC7410 Datasheet HTML 4Page - ATMEL Corporation PC7410 Datasheet HTML 5Page - ATMEL Corporation PC7410 Datasheet HTML 6Page - ATMEL Corporation PC7410 Datasheet HTML 7Page - ATMEL Corporation PC7410 Datasheet HTML 8Page - ATMEL Corporation PC7410 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
4
PC7410
2141D–HIREL–02/04
General Parameters
Table 1 provides a summary of the general parameters of the PC7410.
Note:
1. 3.3V I/O bus not supported for 1.5V core power supply processor version.
Features
This section summarizes features of the PC7410’s implementation of the PowerPC
architecture. Major features of the PC7410 are as follows:
•
Branch Processing Unit
–
Four instructions fetched per clock
–
One branch processed per cycle (plus resolving two speculations)
–
Up to one speculative stream in execution, one additional speculative stream
in fetch
–
512-entry branch history table (BHT) for dynamic prediction
–
64-entry, 4-way set associative branch target instruction cache (BTIC) for
eliminating branch delay slots
•
Dispatch Unit
–
Full hardware detection of dependencies (resolved in the execution units)
–
Dispatch two instructions to eight independent units (system, branch,
load/store, fixed-point unit 1, fixed-point unit 2, floating-point, AltiVec
permute, AltiVec ALU)
–
Serialization control (predispatch, postdispatch, execution serialization)
•
Decode
–
Register file access
–
Forwarding control
–
Partial instruction decode
•
Completion
–
8-entry completion buffer
–
Instruction tracking and peak completion of two instructions per cycle
Table 1. Device Parameters
Parameter
Description
Technology
0.18 µm CMOS, six-layer metal
Die size
6.32 mm × 8.26 mm (52 mm2)
Transistor count
10.5 million
Logic design
Fully-static
Packages
Surface-mount 360 ceramic ball grid array (CBGA)
Surface mount 360 high coefficient of thermal expansion
ceramic ball grid array (HiTCE)
Surface mount 360-column Ci-CGA Package
Core power supply
1.8V ± 100 mV dc or 1.5V ± 50 mV dc (nominal; see Table 4 for
Recommended Operating Conditions)
I/O power supply
1.8V ± 100 mV dc or
2.5V ± 100 mV
3.3V ± 165 mV (603 bus only) (1)
(input thresholds are configuration pin selectable) or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com