Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 42Page - ATMEL Corporation PC7410 Datasheet HTML 43Page - ATMEL Corporation PC7410 Datasheet HTML 44Page - ATMEL Corporation PC7410 Datasheet HTML 45Page - ATMEL Corporation PC7410 Datasheet HTML 46Page - ATMEL Corporation PC7410 Datasheet HTML 47Page - ATMEL Corporation PC7410 Datasheet HTML 48Page - ATMEL Corporation PC7410 Datasheet HTML 49Page - ATMEL Corporation PC7410 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
46
PC7410
2141D–HIREL–02/04
Figure 32. COP Connector Diagram
Notes:
1. RUN/STOP, normally found on pin 5 of the COP header, is not implemented on the
PC7410. Connect pin 5 of the COP header to OVDD with a 10 kΩ pull-up resistor.
2. Key location; pin 14 is not physically present on the COP header.
3. Component not populated. Populate only if debug tool does not drive QACK.
4. Populate only if debug tool uses an open-drain type output and does not actively
deassert QACK.
5. If the JTAG interface is implemented, connect HRESET from the target source to
TRST from the COP header though an AND gate to TRST of the part. If the JTAG
interface is not implemented, connect HRESET from the target source to TRST of the
part through a 0
Ω isolation resistor.
6. The COP port and target board should be able to independently assert HRESET and
TRST to the processor in order to fully control the processor as shown above.
HRESET
HRESET
HRESET
13
SRESET
SRESET
SRESET
NC
NC
11
VDD_SENSE
6
5(1)
15
2 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
OVDD
OVDD
OVDD
OVDD
CHKSTP_IN
CHKSTP_IN
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
12
14(2)
Key
QACK
OVDD
OVDD
10 k
Ω
OVDD
TRST
10 k
Ω
OVDD
10 k
Ω
10 k
Ω
QACK
QACK
CHKSTP_OUT
CHKSTP_OUT
3
13
9
5
1
6
10
2
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pin Out
10 k
Ω(4)
OVDD
1
2 k
Ω(3)
0
Ω(5)
From Target
Board Sources
(if any)
(6)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com