Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 2Page - Infineon Technologies AG TLE6365G Datasheet HTML 3Page - Infineon Technologies AG TLE6365G Datasheet HTML 4Page - Infineon Technologies AG TLE6365G Datasheet HTML 5Page - Infineon Technologies AG TLE6365G Datasheet HTML 6Page - Infineon Technologies AG TLE6365G Datasheet HTML 7Page - Infineon Technologies AG TLE6365G Datasheet HTML 8Page - Infineon Technologies AG TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
6
2003-06-02
1.6
Electrical Characteristics
8V<
V
S < 35V; 4.75V< VCC <5.25V; - 40°C< Tj <150 °C; RR=47kΩ;
all voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
No.
Parameter
Symbol
Limit Values
Unit Test
Condition
min. typ.
max
.
1.6.1 Current Consumption
1.6.1.1 Current consumption;
see applicatiopn circuit
IS
1.5
4
mA
ICC=0mA
1.6.1.2 Current consumption;
see applicatiopn circuit
IS
510
mA
ICC=400mA
1.6.2 Under- and Over-Voltage Lockout at
V
S
1.6.2.1 UV ON voltage;
buck conv. ON
VSUVON
4.0
4.5
5.0
V
VS
increasing;
1.6.2.2 UV OFF voltage;
buck conv. OFF
VSUVOFF 3.5
4.0
4.5
V
VS
decreasing
1.6.2.3 UV Hysteresis voltage
VSUVHY
0.2
0.5
1.0
V
HY = ON -
OFF
1.6.2.4 OV OFF voltage;
buck conv. OFF
VSOVOFF 34
37
40
V
VS
increasing
1.6.2.5 OV ON voltage;
buck conv. ON
VSOVON
30
33
36
V
VS
decreasing
1.6.2.6 OV Hysteresis voltage
VSUVHY
1.5
4
10
V
HY = OFF -
ON
1.6.3 Over-Voltage Lockout at
V
CC
1.6.3.1 OV OFF voltage;
buck conv. OFF
V
CCOVOFF
5.5
6.0
6.5
V
VCC
increasing
1.6.3.2 OV ON voltage;
buck conv. ON
VCCOVON 5.25 5.75 6.25 V
VCC
decreasing
1.6.3.3 OV Hysteresis voltage
VCCOVHY 0.10 0.25 0.50 V
HY = OFF -
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com