Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG TLE6365G Datasheet HTML 12Page - Infineon Technologies AG TLE6365G Datasheet HTML 13Page - Infineon Technologies AG TLE6365G Datasheet HTML 14Page - Infineon Technologies AG TLE6365G Datasheet HTML 15Page - Infineon Technologies AG TLE6365G Datasheet HTML 16Page - Infineon Technologies AG TLE6365G Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
14
2003-06-02
4
Diagrams: Oscillator and Boost/Buck-Converter Performance
In the following the behaviour of the Boost/Buck-converter and the oscillator is shown.
Efficiency Buck vs.
Boost Voltage
Feedback Voltage vs.
Junction Temperature
Oscillator Frequency Deviation vs.
Junction Temperature
Buck Overcurrent Threshold vs.
Junction Temperature
AED03017
S
V
65
5
η
15
25
V 30
70
75
80
85
90
%
95
V
CC = 5 V
Load
I
= 120 mA
80 mA
40 mA
4.90
5.00
4.95
4.85
4.80
5.05
-50
-25
0
255075
100
°C
150
5.10
5.15
T
j
V
CC
V
I
BUO = 400 mA
AED03016
j
T
-15
∆f
OSC
-10
-5
0
5
kHz
10
-50 -25
0
25 50 75 100 ˚C 150
j
T = 25 ˚C
Referred to fOSC
at
AED03018
-50
j
T
-25
0
25 50 75 100
˚C 150
0.8
I
OC
0.9
1
1.1
1.2
1.3
1.4
A
(Buck-Converter)
I
BUOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com