Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 5Page - Infineon Technologies AG TLE6365G Datasheet HTML 6Page - Infineon Technologies AG TLE6365G Datasheet HTML 7Page - Infineon Technologies AG TLE6365G Datasheet HTML 8Page - Infineon Technologies AG TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG TLE6365G Datasheet HTML 12Page - Infineon Technologies AG TLE6365G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
9
2003-06-02
2
Circuit Description
Below some important sections of the TLE 6365 are described in more detail.
Power On Reset
In order to avoid any system failure, a sequence of several conditions has to be passed.
In case of
V
CC power down (VCC < VRT for t > tRR) a logic LOW signal is generated at the
pin RO to reset an external microcontroller. When the level of
V
CC reaches the reset
threshold
V
RT, the signal at RO remains LOW for the Power-up reset delay time tRD
before switching to HIGH. If
V
CC drops below the reset threshold VRT for a time extending
the reset reaction time
t
RR, the reset circuit is activated and a power down sequence of
period
t
RD is initiated. The reset reaction time tRR avoids wrong triggering caused by short
“glitches” on the
V
CC-line.
Figure 3
Reset Function
ON Delay
ON Delay
invalid
invalid
ON Delay
Start Up
invalid
t
V
CC
RO
H
L
V
PG
V
RT
t
1V
typ.4,65V
typ.4,70V
t
RD
< t
RR
t
RR
< t
RD
t
RD
Power
Sart-Up
Normal
Normal
Failed
N
Failed
started
stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com