Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 4Page - Infineon Technologies AG TLE6365G Datasheet HTML 5Page - Infineon Technologies AG TLE6365G Datasheet HTML 6Page - Infineon Technologies AG TLE6365G Datasheet HTML 7Page - Infineon Technologies AG TLE6365G Datasheet HTML 8Page - Infineon Technologies AG TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG TLE6365G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
8
2003-06-02
1.6.6 Reset Generator; RO
1.6.6.1 Reset threshold;
V
CC decreasing
V
RT
4.50 4.65
4.75
V
V
RO H to L
or L to H
transition;
V
RO remains
low down to
V
CC>1V
1.6.6.2 Reset low voltage
VROL
-0.2
0.4
V
IROL=1mA;
2.5V < VCC
< VRT
1.6.6.3 Reset low voltage
VROL
-0.2
0.4
V
IROL=0.2mA
;
1V < VCC <
VRT
1.6.6.4 Reset high voltage
VROH
VCC
-0.1
VCC
+0.1
VIROH = 0mA
1.6.6.5 Reset pull up curent
IRO
240
µΑ
0V < VRO<
4V
1.6.6.6 Reset Reaction time
t
RR
10
40
90
µs
VCC < VRT
1.6.6.7 Power-up reset delay time
t
RD
128
t
CYL
VCC ≥ 4.8 V
1.6.7 Thermal Shutdown (Boost and Buck-Converter OFF)
1.6.7.1 Thermal shutdown junction
temperature
T
jSD
150 175
200
° C
1.6.7.2 Thermal switch-on junction
temperature
T
jSO
120
170
° C
1.6.7.3 Temperature hysteresis
∆T
30
K
1.6
Electrical Characteristics (cont’d)
8V<
V
S < 35V; 4.75V< VCC <5.25V; - 40°C< Tj <150 °C; RR=47kΩ;
all voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
No.
Parameter
Symbol
Limit Values
Unit Test
Condition
min. typ.
max
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com