Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 7Page - Infineon Technologies AG TLE6365G Datasheet HTML 8Page - Infineon Technologies AG TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG TLE6365G Datasheet HTML 12Page - Infineon Technologies AG TLE6365G Datasheet HTML 13Page - Infineon Technologies AG TLE6365G Datasheet HTML 14Page - Infineon Technologies AG TLE6365G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
11
2003-06-02
In the case of overload or short-circuit at
V
CC (the output current exceeds the buck
overcurrent threshold
I
BUOC)
the DMOS output transistor is switched off by the
overcurrent comparator immediately.
In order to protect the
V
CC input as well as the external load against catastrophic failures,
an overvoltage protection is provided which switches off the output transistor as soon as
the voltage at pin
V
CC exceeds the internal fixed overvoltage threshold
V
CCOVOFF = typ. 6.0 V.
Also a battery undervoltage protection is implemented in the TLE 6365 to avoid wrong
operation of the following supplied devices, the typical threshold when decreasing the
battery voltage is at
V
SUVOFF =typ. 4.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com