Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 3Page - Infineon Technologies AG TLE6365G Datasheet HTML 4Page - Infineon Technologies AG TLE6365G Datasheet HTML 5Page - Infineon Technologies AG TLE6365G Datasheet HTML 6Page - Infineon Technologies AG TLE6365G Datasheet HTML 7Page - Infineon Technologies AG TLE6365G Datasheet HTML 8Page - Infineon Technologies AG TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
7
2003-06-02
1.6.4 Buck-Converter; BUO, BDS, BUC and VCC
1.6.4.1 Logic supply voltage
VCC
4.9
5.1
V
1mA < ICC<
400mA;
see. appl.
circuit
1.6.4.2 Efficiency; see. appl. circuit
η
85
%
ICC =
400mA;
VS = 14V
1.6.4.3 Power-Stage ON
resistance
RBUON
0.38 0.5
Ω
Tj=25°C;
IBUO= 0.6A
1.6.4.4 Power-Stage ON
resistance
RBUON
1.0
Ω
IBUO= 0.6A
1.6.4.5 Buck overcurrent threshold IBUOC
0.7
0.9
1.2
A
1.6.4.6 Input current on pin VCC
ICC
500
µA
VCC=5V
1.6.4.7 Buck Gate supply voltage;
VBGS=VS - VBDS
VBGS
57.2
10
V
1.6.5
Reference Input ; R
(Oscillator; Timebase for Buck-Converter and Reset)
1.6.5.1 Voltage on pin R
V
R
1.4
V
R
R = 100kΩ
1.6.5.2 Oscillator frequency
f
OSC
85
95
105
kHz
T
j = 25°C
1.6.5.3 Oscillator frequency
f
OSC
75
115
kHz
1.6.5.4 Cycle time for reset timing
t
CYL
1ms
t
CYL = 100 /
f
OSC
1.6
Electrical Characteristics (cont’d)
8V<
V
S < 35V; 4.75V< VCC <5.25V; - 40°C< Tj <150 °C; RR=47kΩ;
all voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
No.
Parameter
Symbol
Limit Values
Unit Test
Condition
min. typ.
max
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com