Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6365G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG TLE6365G Datasheet HTML 12Page - Infineon Technologies AG TLE6365G Datasheet HTML 13Page - Infineon Technologies AG TLE6365G Datasheet HTML 14Page - Infineon Technologies AG TLE6365G Datasheet HTML 15Page - Infineon Technologies AG TLE6365G Datasheet HTML 16Page - Infineon Technologies AG TLE6365G Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
13
2003-06-02
3
Application circui
t
Figure 6
Application Circuit
V
Batt
V
CC
C
L
36V
C
S
ZD
1
D
1
L
BU
C
BU1
D
BU
10uF
220nF
220uH
100uF
Reset
output
C
BU2
220nF
C
CO
47k
R
R
R
CO
470nF
100k
10nF
C
BOT
D
1
Device
Type
BAW78C
Supplier
Remarks
200V; 1A; SOT89
Infineon
D
BU
SS14
Schottky; 100V; 1A
-
L
BU
DO3316P-224
Coilcraft
220µH; 0.8A; 0.61
Ω
5
8
Buck
Converter
7
2
4
Undervoltage
Reset
Generator
GND
V
CC
BUO
V
S
RO
3
BUC
V
internal
TLE 6365 G
Biasing and V
REF
Reference
Current
Generator
and
Oscillator
1
R
6
BDS
L
BU
B82476-A1224-M
Epcos
220µH; 0.8A; 0.53
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com