Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # M7F
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button M7F Datasheet HTML 2Page - Omron Electronics LLC M7F Datasheet HTML 3Page - Omron Electronics LLC M7F Datasheet HTML 4Page - Omron Electronics LLC M7F Datasheet HTML 5Page - Omron Electronics LLC M7F Datasheet HTML 6Page - Omron Electronics LLC M7F Datasheet HTML 7Page - Omron Electronics LLC M7F Datasheet HTML 8Page - Omron Electronics LLC M7F Datasheet HTML 9Page - Omron Electronics LLC M7F Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
M7F
6
Dynamic Input (M7F-
@D@@@)
Unit Display
The displays are lit when voltage is supplied to the power supply
terminals (positive and negative terminals).
Minus Symbol and Decimal Point
The DIP switch is used for minus symbol and decimal point settings
as shown in the following table.
Note: 1. The minus symbol and decimal point are always lit when the
corresponding pins of the DIP switch are set to ON.
2. “NC” means “not connected”.
Zero Suppression Function
The Unit has a function for blanking (i.e., turning OFF the display) to
not display 0 when the leftmost digits are zero. When DP (decimal
point) has been displayed using the DIP switch, the digits to the left
of the decimal point display digit will be blank as shown in the
following figure.
Note: The zero suppression function is normally operating.
Input signal
Display condition
Terminal no.
DCBAKLMN
O
Terminal
symbol
D
C
B
A
S0S1S2
S3S4
104
digit
103
digit
102
digit
101
digit
100
digit
Input signals
LLLL
L
HHHH
*
*
*
*
0
* The data of S0 to S4 when S0 to S4
are high before S0 to S4 become
low will be held and displayed. Refer
to Operation Timing (Input Signal
Timing) on page 12 and Operation
Chart on page 12 for details.
LLL
H
H
L
H
H
H
*
*
*
1
*
LL
H
L
H
H
L
H
H*
*
2
**
L
L
HH
HHH
L
H
*
3
***
L
H
L
L
HHHH
L
4
**
*
*
L
H
L
H
L
HHHH
*
*
*
*
5
LH
HL
HLH
H
H
*
*
*
6
*
LH
H
H
H
H
LH
H
*
*
7
**
H
LLL
H
H
H
L
H
*
8
***
H
L
L
H
HHHH
L
9
**
*
*
H
L
H
L
L
HHHH
*
*
*
*
a
HLH
H
HLH
H
H
*
*
*
b
*
HH
L
L
HH
L
HH
*
*
c
**
HH
L
H
HHH
L
H
*
d
***
HHH
L
HHHH
L
e
**
*
*
HHHH
L
HHHH
*
*
*
*
f
Display
contents
Model
DIP switch function
Three digits
Numerals
and minus
symbol
M7F-3
@@@F
Three digits
Numerals
and unit
M7F-3
@@@T
Four digits
Numerals
only
M7F-4
@@@
Four digits
Numerals
and minus
symbol
M7F-4
@@@F
Four digits
Numerals
and unit
M7F-4
@@@T
Five digits
Numerals
only
M7F-5
@@@
No decimal point is designated.
The second, third, and fourth digits
are blank.
There is a decimal point between
the first and second digits.
The third and fourth digits are
blank.
There is a decimal point between
the third and second digits.
The fourth digit is blank.
There is a decimal point between
the fourth and third digits.
All digits are displayed.
Fourth
digit
DP
DP
DP
Third
digit
Second
digit
First
digit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com