Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # M7F
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button M7F Datasheet HTML 4Page - Omron Electronics LLC M7F Datasheet HTML 5Page - Omron Electronics LLC M7F Datasheet HTML 6Page - Omron Electronics LLC M7F Datasheet HTML 7Page - Omron Electronics LLC M7F Datasheet HTML 8Page - Omron Electronics LLC M7F Datasheet HTML 9Page - Omron Electronics LLC M7F Datasheet HTML 10Page - Omron Electronics LLC M7F Datasheet HTML 11Page - Omron Electronics LLC M7F Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M7F
8
■ Block Diagram
Note: Circled numbers are the connector pin numbers.
Static Input Method
Dynamic Input Method
Signal
Input
Circuit
Positive Logic Input Method
Signal
Input
Circuit
Data signal input
Negative Logic Input Method
Strobe signal input
External
power
supply input
Power supply
output into
the PLC
Signal
input
A1 to D1
to
A2 to D2
to
A3 to D3
to
A4 to D4
to
Switching
regulator
LED display elements
Signal
input
External
power
supply input
Power supply
output into
the PLC
Switching
regulator
LED display
elements
Strobe
Signal Input
Signal input
・ON voltage
: 9.6 V to power
supply voltage
・OFF voltage
: 3 VDC max.
・Input impedance : Approx. 70 k
Signal input
・Short-circuit (ON) impedance
: 1 k
max.
・Short-circuit (ON) residual voltage
: 3 VDC max.
・Current flow for 0-
short-circuit
: Approx. 0.2 mA
・Open (OFF) impedance
: 100 k
min.
Signal input
・Short-circuit (ON) impedance
: 1 k
max.
・Short-circuit (ON) residual voltage
: 3 VDC max.
・Current flow for 0-
short-circuit
: Approx. 0.2 mA
・Open (OFF) impedance
: 100 k
min.
Signal input
・Short-circuit (ON) impedance
: 1 k
max.
・Short-circuit (ON) residual voltage
: 3 VDC max.
・Current flow for 0-
short-circuit
: Approx. 0.2 mA
・Open (OFF) impedance
: 100 k
min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com