Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # M7F
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button M7F Datasheet HTML 7Page - Omron Electronics LLC M7F Datasheet HTML 8Page - Omron Electronics LLC M7F Datasheet HTML 9Page - Omron Electronics LLC M7F Datasheet HTML 10Page - Omron Electronics LLC M7F Datasheet HTML 11Page - Omron Electronics LLC M7F Datasheet HTML 12Page - Omron Electronics LLC M7F Datasheet HTML 13Page - Omron Electronics LLC M7F Datasheet HTML 14Page - Omron Electronics LLC M7F Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M7F
11
PLC
Terminal
name
Termi-
nal No.
PLC Output
Unit
DC power
supply (+)
12 to 24 VDC
(0 V)
Power
supply
input
Power
supply
input
1. Status before PLC Program Runs (Data Storage Status)
Note: Word numbers and data are examples.
2. Example of PLC Program Operation
(Refer to your PLC operation manual for details.)
3. Status after PLC Program Has Run (Data Storage Status)
Note: Word numbers and data are examples.
Relay no.
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Data no.
7654321076543210
Word
no.
005
4321
006
5
007
008
Relay no.
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Data no.
7654321076543210
Word
no.
100
21
101
43
102
5
103
Note: 1. If the C200H-OD215 is used as a Dynamic Output Unit, the switches on the rear panel of the PLC must be set as described
in the following table.
2. A G79-
@C Connecting Cable (with connectors, sold separately) can be used to easily connect the PLC to the M7F.
3. An eight-bit data signal is allocated to each strobe signal of the C200H-OD215 Dynamic Output Unit. On the other hand, each
strobe signal is input only to the rightmost four bits of the M7F. Thus the following program must run.
SW1 (dynamic output mode)
ON
SW2
OFF
SW3
OFF
SW4
OFF
SW5 (positive logic output)
ON
SW6
OFF
PLC
A to D
S0 to S4
Fuse
Circuit Configuration
With PLC Dynamic Output Unit
M7F-
@D@@@ Dynamic Input Model
Connected to C200H-OD215 Output Unit
M7F 's display
Transfers the first digit's data of word 005 to the
first digit of word 100.
Transfers the second digit's data of word 005 to
the third digit of word 100.
Transfers the third digit's data of word 005 to
the first digit of word 101.
Transfers the fourth digit's data of word 005 to
the third digit of word 101.
Transfers the first digit data of word 006 to the
first digit of word 102.
M7F 's display
Refer to your PLC operation manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com