Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # M7F
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button M7F Datasheet HTML 6Page - Omron Electronics LLC M7F Datasheet HTML 7Page - Omron Electronics LLC M7F Datasheet HTML 8Page - Omron Electronics LLC M7F Datasheet HTML 9Page - Omron Electronics LLC M7F Datasheet HTML 10Page - Omron Electronics LLC M7F Datasheet HTML 11Page - Omron Electronics LLC M7F Datasheet HTML 12Page - Omron Electronics LLC M7F Datasheet HTML 13Page - Omron Electronics LLC M7F Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
M7F
10
PLC
Terminal
name
Termi-
nal No.
PLC Output
Unit
DC power
supply (+)
12 to 24 VDC
(0 V)
Power
supply
input
Power
supply
input
PLC
A to D
PLC
Terminal
name
Termi-
nal No.
PLC Output
Unit
DC power
supply (+)
12 to 24 VDC
(0 V)
Power
supply
input
Power
supply
input
PLC
A to D
Fuse
2. M7F-
@N@@@ Static Negative Logic Input Model
1. Connected to C500-OD213 Output Unit
Circuit Configuration
Note: The PLC connects to the M7F with ease via the G79-O
@C-@ Cable (with connectors, sold separately).
(The above example indicates 1 to 1 connection.)
2. Connected to C200H-OD215 Output Unit
Circuit Configuration
Note: 1. If the C200H-OD215 is used as a Static Output Unit, the switches on the rear panel of the PLC must be set as described in
the following table.
2. A G79-
@C Connecting Cable (with connectors, sold separately) can be used to easily connect the PLC to the M7F.
SW1 (static output mode)
OFF
SW2
OFF
SW3
OFF
SW4
OFF
SW5 (negative logic output)
OFF
SW6
OFF
Refer to your PLC operation manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com