Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # M7F
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F Datasheet(HTML) 2 Page - Omron Electronics LLC

  M7F Datasheet HTML 1Page - Omron Electronics LLC M7F Datasheet HTML 2Page - Omron Electronics LLC M7F Datasheet HTML 3Page - Omron Electronics LLC M7F Datasheet HTML 4Page - Omron Electronics LLC M7F Datasheet HTML 5Page - Omron Electronics LLC M7F Datasheet HTML 6Page - Omron Electronics LLC M7F Datasheet HTML 7Page - Omron Electronics LLC M7F Datasheet HTML 8Page - Omron Electronics LLC M7F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M7F
2
Ordering Information
Connectable PLCs
❍: Connectable (See note 1.)
×: Not connectable
Note: 1. External resistance not required
2. Refer to External Connections on page 9 for details.
Compatibility with OMRON PLCs (Examples)
■ List of Models
No. of
digits
Appearance
Display
color
Input
method
Logic
Display contents
Model
3
Red
Static
Positive
Numerals and minus symbol M7F-3P1RF
Numerals and units
M7F-3P1RT*
Negative
Numerals and minus symbol M7F-3N1RF
Numerals and units
M7F-3N1RT*
Green
Static
Positive
Numerals and minus symbol M7F-3P1GF
Numerals and units
M7F-3P1GT*
Negative
Numerals and minus symbol M7F-3N1GF
Numerals and units
M7F-3N1GT*
4
Red
Static
Positive
Numerals only
M7F-4P1R
Numerals and minus symbol M7F-4P1RF
Numerals and units
M7F-4P1RT*
Negative
Numerals only
M7F-4N1R
Numerals and minus symbol M7F-4N1RF
Numerals and units
M7F-4N1RT*
Dynamic
Positive
Numerals only
M7F-4D1R
Numerals and minus symbol M7F-4D1RF
Numerals and units
M7F-4D1RT*
Green
Static
Positive
Numerals only
M7F-4P1G
Numerals and minus symbol M7F-4P1GF
Numerals and units
M7F-4P1GT*
Negative
Numerals only
M7F-4N1G
Numerals and minus symbol M7F-4N1GF
Numerals and units
M7F-4N1GT*
Dynamic
Positive
Numerals only
M7F-4D1G
Numerals and minus symbol M7F-4D1GF
Numerals and units
M7F-4D1GT*
5
Red
Dynamic
Positive
Numerals only
M7F-5D1R
Green
Dynamic
Positive
Numerals only
M7F-5D1G
■ Accessories
(Order Separately)
Unit Plate
• Choose the required unit plate from the
following tables in order to attach it to the
Unit Display Unit.
• Unit Plates are replaceable.
• Ten Unit Plates are sold as a set. (The
number per set is the same for all models.)
• The characters are white.
Display
contents
Single item (sheet only):
1 Set of 10 sheets
M7F-1
M7F-RPM-1
M7F-PER-1
M7F-KG-1
M7F-MM-1
M7F-M-1
M7F-DOC-1
M7F-PCS-1
Blank
display
rpm
%
kg
mm
m
°C
pcs
M7F model
PLC's output method
Static output
Dynamic
output
Input
Logic input
PNP output
NPN output
Static
Positive
××
Negative
×
×
Dynamic
××
PLC Output Unit
M7F model
CS1W-OD211
C200H-OD215/218/219
C500-OD213
CQM1-OD213
M7F-
@N@@
CS1W-OD212
C500-OD212
M7F-
@P@@
C200H-OD215
M7F-
@D@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com