Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # M7F
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F Datasheet(HTML) 5 Page - Omron Electronics LLC

  M7F Datasheet HTML 1Page - Omron Electronics LLC M7F Datasheet HTML 2Page - Omron Electronics LLC M7F Datasheet HTML 3Page - Omron Electronics LLC M7F Datasheet HTML 4Page - Omron Electronics LLC M7F Datasheet HTML 5Page - Omron Electronics LLC M7F Datasheet HTML 6Page - Omron Electronics LLC M7F Datasheet HTML 7Page - Omron Electronics LLC M7F Datasheet HTML 8Page - Omron Electronics LLC M7F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
M7F
5
Operation
■ Input Codes
Numeric Display
Positive Logic Static Input (M7F-
@P@@@)
Negative Logic Static Input (M7F-
@N@@@)
Input signal
Display condition
103 digit
102 digit
101 digit
100 digit
Terminal no.
RQPO
NMLKHGFE
DCBA
Terminal
symbol
D4
C4
B4
A4
D3
C3
B3
A3
D2
C2
B2
A2
D1
C1
B1
A1
103
digit
102
digit
101
digit
100
digit
Input signals
LLLLLLLL
LLLLLLLL
0000
LLL
H
LLL
H
LLL
H
LLL
H
1111
LL
H
LLL
H
L
LL
H
LLL
H
L
2222
L
L
HH
L
L
HH
L
L
HH
L
L
HH
3333
L
H
LLL
H
LL
L
H
LLL
H
LL
4444
LHLHLHLH
LHLHLHLH
5555
LH
HL
LH
HL
LH
HL
LH
HL
6666
L
HHH
L
HHH
L
HHH
L
HHH
7777
H
LLL
H
LLL
H
LLL
H
LLL
8888
HL
LH
HL
LH
HL
LH
HL
LH
9999
HLHLHLHL
HLHLHLHL
aaaa
H
L
HHH
L
HH
H
L
HHH
L
HH
bbbb
HH
L
L
HH
L
L
HH
L
L
HH
L
L
cccc
HH
L
HHH
L
H
HH
L
HHH
L
H
dddd
HHH
L
HHH
L
HHH
L
HHH
L
eeee
HHHHHHHH
HHHHHHHH
ffff
Input signal
Display condition
103 digit
102 digit
101 digit
100 digit
Terminal no.
RQPO
NMLKHGFE
DCBA
Terminal
symbol
D4
C4
B4
A4
D3
C3
B3
A3
D2
C2
B2
A2
D1
C1
B1
A1
103
digit
102
digit
101
digit
100
digit
Input signals
HHHHHHHH
HHHHHHHH
0000
HHH
L
HHH
L
HHH
L
HHH
L
1111
HH
L
HHH
L
H
HH
L
HHH
L
H
2222
HH
L
L
HH
L
L
HH
L
L
HH
L
L
3333
H
L
HHH
L
HH
H
L
HHH
L
HH
4444
HLHLHLHL
HLHLHLHL
5555
HL
LH
HL
LH
HL
LH
HL
LH
6666
H
LLL
H
LLL
H
LLL
H
LLL
7777
L
HHH
L
HHH
L
HHH
L
HHH
8888
LH
HL
LH
HL
LH
HL
LH
HL
9999
LHLHLHLH
LHLHLHLH
aaaa
L
H
LLL
H
LL
L
H
LLL
H
LL
bbbb
L
L
HH
L
L
HH
L
L
HH
L
L
HH
cccc
LL
H
LLL
H
L
LL
H
LLL
H
L
dddd
LLL
H
LLL
H
LLL
H
LLL
H
eeee
LLLLLLLL
LLLLLLLL
ffff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com