Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7F Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # M7F
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button M7F Datasheet HTML 3Page - Omron Electronics LLC M7F Datasheet HTML 4Page - Omron Electronics LLC M7F Datasheet HTML 5Page - Omron Electronics LLC M7F Datasheet HTML 6Page - Omron Electronics LLC M7F Datasheet HTML 7Page - Omron Electronics LLC M7F Datasheet HTML 8Page - Omron Electronics LLC M7F Datasheet HTML 9Page - Omron Electronics LLC M7F Datasheet HTML 10Page - Omron Electronics LLC M7F Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M7F
7
■ Terminal Arrangement/Functions
Terminal Arrangement
Terminal Functions
DIP Switch Function
The DIP switch is used for symbol and decimal point settings. Refer to Terminal Arrangement, above, for details.
Signal inputPower supply
Signal input
Power supply
Case
mark
Signal input
Power supply
Power supply
Polarity guide
Terminal name
Terminal guide
Signal input
Triangular
mark on
socket
*
Triangular
mark on
socket
*
Case
mark
XG4A Connector
Static Input Model
Dynamic Input Model
Note: 1. Circled numbers are for the user's convenience. When preparing a socket, pay attention
when wiring the terminals to the direction of the polarity guide.
2. The triangular mark (
) on the M7F case indicates the start of the M7F terminal numbers. It
does not line up with the triangular mark (
) on the connector. Incorrect wiring may cause a
short-circuit in the sequence output section, which could damage it.
* This is the location of the triangular mark on the XG4M-2030 Socket that is attached to the
Cable.
DIP Switch
Power supply (
−)
Power supply (
+)
XG4A Connector
Input method
Terminal
symbol
Name
Function
Static input
A1
B1
C1
D1
First digit (100)
data input
A1 (20)
B1 (21)
C1 (22)
D1 (23)
The numeral or symbol corresponding to the binary code signal will be
displayed as the first digit (100).
A2
B2
C2
D2
Second digit (101)
data input
A2 (20)
B2 (21)
C2 (22)
D2 (23)
The numeral or symbol corresponding to the binary code signal will be
displayed as the second digit (101).
A3
B3
C3
D3
Third digit (102)
data input
A3 (20)
B3 (21)
C3 (22)
D3 (23)
The numeral or symbol corresponding to the binary code signal will be
displayed as the third digit (102).
A4
B4
C4
D4
Fourth digit (103)
data input
A4 (20)
B4 (21)
C4 (22)
D4 (23)
The numeral or symbol corresponding to the binary code signal will be
displayed as the fourth digit (103).
+V
Power supply
Power supply and output terminal
0 V
Power supply
Power supply 0-V output terminal (GND)
Dynamic input
A
B
C
D
Data input
A (20)
B (21)
C (22)
D (23)
Displays the numeral or symbol corresponding to the binary code signal.
S0
S1
S2
S3
S4
Control input
S0 (100)
S1 (101)
S2 (102)
S3 (103)
S4 (104)
Designates the digit to be displayed. Each digit will maintain the previous
value when this signal is input.
+V
Power supply
Power supply and output terminal
0 V
Power supply
Power supply 0-V output terminal (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com