Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM907N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AFM907N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM907N Datasheet(HTML) 2 Page - NXP Semiconductors

  AFM907N Datasheet HTML 1Page - NXP Semiconductors AFM907N Datasheet HTML 2Page - NXP Semiconductors AFM907N Datasheet HTML 3Page - NXP Semiconductors AFM907N Datasheet HTML 4Page - NXP Semiconductors AFM907N Datasheet HTML 5Page - NXP Semiconductors AFM907N Datasheet HTML 6Page - NXP Semiconductors AFM907N Datasheet HTML 7Page - NXP Semiconductors AFM907N Datasheet HTML 8Page - NXP Semiconductors AFM907N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
NXP Semiconductors
AFM907N
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +30
Vdc
Gate--Source Voltage
VGS
–6.0, +12
Vdc
Operating Voltage
VDD
7.5, +0
Vdc
Storage Temperature Range
Tstg
–65 to +150
°C
Case Operating Temperature Range
TC
–40 to +150
°C
Operating Junction Temperature (1,2)
TJ
–40 to +150
°C
Total Device Dissipation @ TC =25°C
Derate above 25°C
PD
65.7
0.52
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 79°C, 7.4 W CW, 7.5 Vdc, IDQ = 100 mA, 520 MHz
RθJC
1.9
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1C, passes 1000 V
Charge Device Model (per JESD22--C101)
C3, passes 2000 V
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
°C
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =30 Vdc, VGS =0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =7.5 Vdc, VGS =0 Vdc)
IDSS
2
μAdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
1
nAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =110 μAdc)
VGS(th)
1.6
2.1
2.6
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =1.1 Adc)
VDS(on)
0.12
Vdc
Forward Transconductance
(VDS =7.5 Vdc, ID =3 Adc)
gfs
9.8
S
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =7.5 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
2.4
pF
Output Capacitance
(VDS =7.5 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
55.2
pF
Input Capacitance
(VDS =7.5 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
95.7
pF
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.nxp.com/RF/calculators.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com