Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM907N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFM907N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM907N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFM907N Datasheet HTML 1Page - NXP Semiconductors AFM907N Datasheet HTML 2Page - NXP Semiconductors AFM907N Datasheet HTML 3Page - NXP Semiconductors AFM907N Datasheet HTML 4Page - NXP Semiconductors AFM907N Datasheet HTML 5Page - NXP Semiconductors AFM907N Datasheet HTML 6Page - NXP Semiconductors AFM907N Datasheet HTML 7Page - NXP Semiconductors AFM907N Datasheet HTML 8Page - NXP Semiconductors AFM907N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AFM907N
3
RF Device Data
NXP Semiconductors
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Narrowband Performance – 520 MHz (In NXP Narrowband 520 MHz RF Test Fixture, 50 ohm system) VDD =7.5 Vdc, IDQ = 100 mA,
Pin = 18.5 dBm, f = 520 MHz
Common--Source Amplifier Output Power
Pout
8.4
W
Drain Efficiency
ηD
73.9
%
Load Mismatch/Ruggedness (In NXP Narrowband 520 MHz RF Test Fixture, 50 ohm system) IDQ = 100 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(dBm)
Test Voltage, VDD
Result
520
CW
> 65:1 at all Phase Angles
21
(3 dB Overdrive)
10.8
No Device Degradation
Table 6. Ordering Information
Device
Tape and Reel Information
Package
AFM907NT1
T1 Suffix = 1,000 Units, 16 mm Tape Width, 7--inch Reel
DFN 4 × 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com