Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM907N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFM907N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM907N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFM907N Datasheet HTML 4Page - NXP Semiconductors AFM907N Datasheet HTML 5Page - NXP Semiconductors AFM907N Datasheet HTML 6Page - NXP Semiconductors AFM907N Datasheet HTML 7Page - NXP Semiconductors AFM907N Datasheet HTML 8Page - NXP Semiconductors AFM907N Datasheet HTML 9Page - NXP Semiconductors AFM907N Datasheet HTML 10Page - NXP Semiconductors AFM907N Datasheet HTML 11Page - NXP Semiconductors AFM907N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
NXP Semiconductors
AFM907N
350–520 MHz BROADBAND REFERENCE CIRCUIT
Zo =5 Ω
Zsource
Zload
f = 350 MHz
f = 520 MHz
f = 520 MHz
f = 350 MHz
f
MHz
Zsource
Ω
Zload
Ω
350
1.9 + j1.6
3.1 -- j0.7
360
2.0 + j1.9
3.2 -- j0.6
370
2.0 + j2.0
3.2 -- j0.5
380
2.1 + j2.2
3.3 -- j0.5
390
2.2 + j2.4
3.3 -- j0.5
400
2.3 + j2.6
3.2 -- j0.5
410
2.3 + j2.7
3.2 -- j0.5
420
2.4 + j2.8
3.1 -- j0.6
430
2.5 + j2.9
3.0 -- j0.6
440
2.6 + j3.0
2.8 -- j0.6
450
2.7 + j3.1
2.7 -- j0.6
460
2.7 + j3.2
2.5 -- j0.6
470
2.8 + j3.2
2.3 -- j0.5
480
2.9 + j3.3
2.1 -- j0.5
490
3.0 + j3.4
2.0 -- j0.4
500
3.0 + j3.4
1.8 -- j0.3
510
3.1 + j3.5
1.7 -- j0.1
520
3.2 + j3.5
1.5 + j0.04
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 8. Broadband Series Equivalent Source and Load Impedance — 350–520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com