Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM907N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFM907N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM907N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFM907N Datasheet HTML 3Page - NXP Semiconductors AFM907N Datasheet HTML 4Page - NXP Semiconductors AFM907N Datasheet HTML 5Page - NXP Semiconductors AFM907N Datasheet HTML 6Page - NXP Semiconductors AFM907N Datasheet HTML 7Page - NXP Semiconductors AFM907N Datasheet HTML 8Page - NXP Semiconductors AFM907N Datasheet HTML 9Page - NXP Semiconductors AFM907N Datasheet HTML 10Page - NXP Semiconductors AFM907N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AFM907N
7
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS — 350–520 MHz UHF BROADBAND
REFERENCE CIRCUIT
340
f, FREQUENCY (MHz)
Figure 5. Power Gain, Drain Efficiency and Output Power
versus Frequency at a Constant Input Power
4
70
VDD =7.5 Vdc, Pin =0.25 W,IDQ = 200 mA
25
23
21
19
17
15
13
11
9
7
5
360 380 400 420
440
540
50
40
30
6
8
10
12
0
Detail A
VDD =7.5 Vdc
f = 435 MHz
Pin =24 dBm
VGS, GATE--SOURCE VOLTAGE (VOLTS)
0.5
1.0
2.0
0.2
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 6. Output Power versus Gate--Source Voltage
2.5
3.0
3.5
4.0
10
8
6
4
2
0
1.5
2.5
0.4
0.6
0.8
1.0
1.2
Figure 7. Power Gain, Drain Efficiency and Output
Power versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
0
ηD
Gps
25
90
Pout
VDD =7.5 Vdc, IDQ = 200 mA
350 MHz
23
21
19
17
15
13
11
9
7
0.05
0.10
70
50
30
12
9
6
3
0
60
Detail A
Gps
Pout
ηD
460 480 500
520
14
2.0
1.5
1.0
0.5
VDD =7.5 Vdc
f= 435 MHz
Pin =24 dBm
Pin =21 dBm
Pin =21 dBm
0.15
0.20
0.25
0.30
0.35
10
435 MHz
520 MHz
350 MHz
435 MHz
520 MHz
350 MHz
520 MHz
435 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com