Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM907N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # AFM907N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM907N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button AFM907N Datasheet HTML 6Page - NXP Semiconductors AFM907N Datasheet HTML 7Page - NXP Semiconductors AFM907N Datasheet HTML 8Page - NXP Semiconductors AFM907N Datasheet HTML 9Page - NXP Semiconductors AFM907N Datasheet HTML 10Page - NXP Semiconductors AFM907N Datasheet HTML 11Page - NXP Semiconductors AFM907N Datasheet HTML 12Page - NXP Semiconductors AFM907N Datasheet HTML 13Page - NXP Semiconductors AFM907N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
NXP Semiconductors
AFM907N
TYPICAL CHARACTERISTICS — 520 MHz NARROWBAND RF TEST FIXTURE
Gps
Pout
ηD
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 10. Output Power versus Gate--Source Voltage
2.5
3.0
3.5
4.0
10
8
6
4
2
0
2.0
1.5
1.0
Pin = 18.5 dBm
Pin = 15.5 dBm
VDD =7.5 Vdc
f= 520 MHz
12
0
Pin, INPUT POWER (WATTS)
Figure 11. Power Gain, Drain Efficiency and Output Power
versus Input Power
0
90
VDD =7.5 Vdc, IDQ1 = 100 mA, f = 520 MHz
25
24
23
22
21
20
19
18
17
16
15
0.05
0.10
0.15
0.20
0.25
50
30
10
2
4
6
8
70
0.30
0.35
0.40
10
14
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com