Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM907N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFM907N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM907N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFM907N Datasheet HTML 5Page - NXP Semiconductors AFM907N Datasheet HTML 6Page - NXP Semiconductors AFM907N Datasheet HTML 7Page - NXP Semiconductors AFM907N Datasheet HTML 8Page - NXP Semiconductors AFM907N Datasheet HTML 9Page - NXP Semiconductors AFM907N Datasheet HTML 10Page - NXP Semiconductors AFM907N Datasheet HTML 11Page - NXP Semiconductors AFM907N Datasheet HTML 12Page - NXP Semiconductors AFM907N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AFM907N
9
RF Device Data
NXP Semiconductors
520 MHz NARROWBAND RF TEST FIXTURE — 5.0″× 3.0″ (12.70 cm × 7.62 cm)
Figure 9. AFM907N Narrowband RF Test Fixture Component Layout — 520 MHz
C1
C12
C4
C2
C3
C7
C6
R1
B1
C13
C14
L1
C9
L2
C8
C10
C11
C5
C15
D88764
AFM907N
Rev. 0
Table 9. AFM907N Narrowband RF Test Fixture Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
B1
Short RF Bead
2743019447
Fair-Rite
C1
22 μF, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C14
0.1 μF Chip Capacitor
CDR33BX104AKWS
AVX
C3, C13
0.01 μF Chip Capacitor
C0805C103K5RAC
Kemet
C4, C12
180 pF Chip Capacitor
ATC100B181JT300XT
ATC
C5
33 pF Chip Capacitor
ATC100B130JT500XT
ATC
C6
22 pF Chip Capacitor
ATC100B220JT500XT
ATC
C7
20 pF Chip Capacitor
ATC100B220JT500XT
ATC
C8, C9
16 pF Chip Capacitor
ATC100B160JT500XT
ATC
C10
2.7 pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C11
30 pF Chip Capacitor
ATC100B300JT500XT
ATC
C15
330 μF, 35 V Electrolytic Capacitor
MCGPR35V337M10X16-RH
Multicomp
L1
22 nH Inductor, 7 Turns
B07TJLC
Coilcraft
L2
5 nH Inductor, 2 Turns
A02TKLC
Coilcraft
R1
5.6 Ω, 1/4 W Chip Resistor
CRCW12065R60FKEA
Vishay
PCB
Rogers RO4350B, 0.030″, εr =3.66
D88764
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com