Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM907N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFM907N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM907N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFM907N Datasheet HTML 2Page - NXP Semiconductors AFM907N Datasheet HTML 3Page - NXP Semiconductors AFM907N Datasheet HTML 4Page - NXP Semiconductors AFM907N Datasheet HTML 5Page - NXP Semiconductors AFM907N Datasheet HTML 6Page - NXP Semiconductors AFM907N Datasheet HTML 7Page - NXP Semiconductors AFM907N Datasheet HTML 8Page - NXP Semiconductors AFM907N Datasheet HTML 9Page - NXP Semiconductors AFM907N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
RF Device Data
NXP Semiconductors
AFM907N
350--520 MHz UHF BROADBAND REFERENCE CIRCUIT — 0.83″× 1.88″ (21.1 mm × 47.8 mm)
Figure 4. AFM907N UHF Broadband Reference Circuit Component Layout — 350–520 MHz
C7
C14
C1
C2
L1
L2
C4
C5
R1
R2
R3
B1
C6
C13
L4
L3
C16
C15
L6
L5
C8 C9
AFM907N
Rev. 0
C10
C3
J1
Q1
C12
C11
Table 8. AFM907N UHF Broadband Reference Circuit Component Designations and Values — 350–520 MHz
Part
Description
Part Number
Manufacturer
B1
30 Ω, 6 A Ferrite Bead
MPZ2012S300AT000
TDK
C1, C12
100 pF Chip Capacitor
ATC600F101JT250XT
ATC
C2
8.2 pF Chip Capacitor
ATC600F8R2BT250XT
ATC
C3, C5
36 pF Chip Capacitor
ATC600F360JT250XT
ATC
C4, C8, C9
27 pF Chip Capacitor
ATC600F270JT250XT
ATC
C6
1 μF Chip Capacitor
GRM21BR71H105KA12L
Murata
C7
0.01 μF Chip Capacitor
C0805C103K5RAC
Kemet
C10
18 pF Chip Capacitor
ATC600F180JT250XT
ATC
C11
9.1 pF Chip Capacitor
ATC600F9R1BT250XT
ATC
C13
240 pF Chip Capacitor
ATC600F241JT250XT
ATC
C14
2.2 μF Chip Capacitor
GRM31CR71H225KA88L
Murata
C15
4.7 μF 50 V Chip Capacitor
GRM31CR71H475KA12L
Murata
C16
0.01 μF Chip Capacitor
GRM21BR72A103KA01B
Murata
J1
Right-Angle Breakaway Header (3 Pins)
22-28-8360
Molex
L1, L6
8.9 nH Inductor
0806SQ8N9
Coilcraft
L2
1.65 nH Inductor, 2 Turns
0906-2JLC
Coilcraft
L3, L4
17 nH Inductor
0908SQ17N
Coilcraft
L5
2.55 nH Inductor, 3 Turns
0906-3JLC
Coilcraft
Q1
RF Power LDMOS Transistor
AFM907N
NXP
R1, R2
1.5 Ω, 1/4 W Chip Resistor
RC1206FR-071R5L
Yageo
R3
51 Ω, 1/4 W Chip Resistor
CRCW120651R0FKEA
Vishay
PCB
Shengyi S1000--2, 0.020″, εr =4.8
D93169
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com