Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MP075N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFT05MP075N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MP075N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFT05MP075N Datasheet HTML 1Page - NXP Semiconductors AFT05MP075N Datasheet HTML 2Page - NXP Semiconductors AFT05MP075N Datasheet HTML 3Page - NXP Semiconductors AFT05MP075N Datasheet HTML 4Page - NXP Semiconductors AFT05MP075N Datasheet HTML 5Page - NXP Semiconductors AFT05MP075N Datasheet HTML 6Page - NXP Semiconductors AFT05MP075N Datasheet HTML 7Page - NXP Semiconductors AFT05MP075N Datasheet HTML 8Page - NXP Semiconductors AFT05MP075N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AFT05MP075NR1 AFT05MP075GNR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS = 12.5 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
2.3
—
pF
Output Capacitance
(VDS = 12.5 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
64
—
pF
Input Capacitance
(VDS = 12.5 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
148
—
pF
Functional Tests (2) (In Freescale Test Fixture, 50 ohm system) VDD = 12.5 Vdc, IDQ(A+B) = 400 mA, Pin = 1 W,f= 520 MHz
Common--Source Amplifier Output Power
Pout
—
70
—
W
Drain Efficiency
D
—
68.5
—
%
Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system) IDQ(A+B) = 400 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
520
CW
> 65:1 at all Phase Angles
2
(3 dB Overdrive)
17
No Device Degradation
1. Each side of device measured separately.
2. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com