Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MP075N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT05MP075N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MP075N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT05MP075N Datasheet HTML 1Page - NXP Semiconductors AFT05MP075N Datasheet HTML 2Page - NXP Semiconductors AFT05MP075N Datasheet HTML 3Page - NXP Semiconductors AFT05MP075N Datasheet HTML 4Page - NXP Semiconductors AFT05MP075N Datasheet HTML 5Page - NXP Semiconductors AFT05MP075N Datasheet HTML 6Page - NXP Semiconductors AFT05MP075N Datasheet HTML 7Page - NXP Semiconductors AFT05MP075N Datasheet HTML 8Page - NXP Semiconductors AFT05MP075N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AFT05MP075NR1 AFT05MP075GNR1
5
RF Device Data
Freescale Semiconductor, Inc.
520 MHz NARROWBAND PRODUCTION TEST FIXTURE
AFT05MP075N
Rev. 1
COAX1
COAX2
COAX3
COAX4
C1
B1
L1
C15
C4
C5
C6
C7
L2
L3
C18
C17
C16
C10
C21
C22
C24
C25
L4
C28
C27
C26
C30
C2 C3
C8*
C9
C9
C3
C11
B2
C12
C13
C14
C19
C20
C23*
C29
*C8 and C23 are mounted vertically.
Figure 5. AFT05MP075NR1 Narrowband Test Circuit Component Layout — 520 MHz
Table 6. AFT05MP075NR1 Narrowband Test Circuit Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
B1, B2
Ferrite Beads
2743019447
Fair-Rite
C1, C11
22 F, 35 V, Tantalum Capacitors
T491X226K035AT
Kemet
C2, C12, C18, C28
0.1 F Chip Capacitors
CDR33BX104AKWS
AVX
C3, C13
220 nF Chip Capacitors
C1812C224K5RAC-TU
Kemet
C4, C14
2.2 F Chip Capacitors
C1825C225J5RAC-TU
Kemet
C5
5.1 pF Chip Capacitor
ATC100B5R1CT500XT
ATC
C6, C7
20 pF Chip Capacitors
ATC100B200JT500XT
ATC
C8
16 pF Chip Capacitor
ATC100B160JT500XT
ATC
C9
36 pF Chip Capacitor
ATC100B360JT500XT
ATC
C10
2.7 pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C15, C25
240 pF Chip Capacitors
ATC100B241JT200XT
ATC
C16, C26
2.2 F Chip Capacitors
G2225X7R225KT3AB
ATC
C17, C27
0.1 F Chip Capacitors
C1812F104K1RAC--TU
Kemet
C19, C20, C29, C30
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
C21
51 pF Chip Capacitor
ATC100B510GT500XT
ATC
C22, C24
100 pF Chip Capacitors
ATC100B101JT500XT
ATC
C23
24 pF Chip Capacitor
ATC100B240JT500XT
ATC
L1, L2
5.0 nH Inductors
A02TKLC
Coilcraft
L3, L4
17.5 nH Inductors
GA3095--ALC
Coilcraft
Coax1, 2, 3, 4
25  Semi Rigid Coax, 2.4 Shield Length
UT-141C-25
Micro-Coax
PCB
0.030, r =2.55
AD255A
Arlon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com