Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MP075N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # AFT05MP075N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MP075N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button AFT05MP075N Datasheet HTML 8Page - NXP Semiconductors AFT05MP075N Datasheet HTML 9Page - NXP Semiconductors AFT05MP075N Datasheet HTML 10Page - NXP Semiconductors AFT05MP075N Datasheet HTML 11Page - NXP Semiconductors AFT05MP075N Datasheet HTML 12Page - NXP Semiconductors AFT05MP075N Datasheet HTML 13Page - NXP Semiconductors AFT05MP075N Datasheet HTML 14Page - NXP Semiconductors AFT05MP075N Datasheet HTML 15Page - NXP Semiconductors AFT05MP075N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT05MP075NR1 AFT05MP075GNR1
TYPICAL CHARACTERISTICS — 450--520 MHz UHF BROADBAND
REFERENCE CIRCUIT
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 14. Output Power versus Gate--Source Voltage
140
1
2
34
5
40
60
80
20
f = 485 MHz
0
0
Detail A
40
0.5
1
1.5
2.5
3.5
30
20
10
50
f = 485 MHz
VDD = 12.5 Vdc, Pin =3 W
Detail A
VDD = 13.6 Vdc
Pin =3 W
VDD = 12.5 Vdc
Pin =3 W
VGS, GATE--SOURCE VOLTAGE (VOLTS)
VDD = 13.6 Vdc, Pin =3 W
23
VDD = 13.6 Vdc
Pin =1.5 W
100
120
VDD = 13.6 Vdc, Pin =1.5 W
VDD = 12.5 Vdc
Pin =1.5 W
80
70
60
90
VDD = 12.5 Vdc
Pin =1.5 W
0
40
100
120
Figure 15. Power Gain, Output Power and Drain
Efficiency versus Input Power and Frequency
Pin, INPUT POWER (WATTS)
13
17
15
0.05
5
19
18
1
16
14
80
60
20
0.1
485 MHz
Pout
450 MHz
VDD = 12.5 Vdc, IDQ(A+B) = 500 mA
Gps
D
450 MHz
520 MHz
450 MHz
520 MHz
485 MHz
485 MHz
520 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com