Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MP075N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AFT05MP075N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MP075N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AFT05MP075N Datasheet HTML 7Page - NXP Semiconductors AFT05MP075N Datasheet HTML 8Page - NXP Semiconductors AFT05MP075N Datasheet HTML 9Page - NXP Semiconductors AFT05MP075N Datasheet HTML 10Page - NXP Semiconductors AFT05MP075N Datasheet HTML 11Page - NXP Semiconductors AFT05MP075N Datasheet HTML 12Page - NXP Semiconductors AFT05MP075N Datasheet HTML 13Page - NXP Semiconductors AFT05MP075N Datasheet HTML 14Page - NXP Semiconductors AFT05MP075N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AFT05MP075NR1 AFT05MP075GNR1
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 450--520 MHz UHF BROADBAND
REFERENCE CIRCUIT
440
Gps
f, FREQUENCY (MHz)
Figure 12. Power Gain, Drain Efficiency and Output Power versus
Frequency at a Constant Input Power — 13.6 V
13
17
70
72
70
66
100
90
D
16.5
16
15.5
15
14.5
14
13.5
450
460
470
490
68
80
VDD = 13.6 Vdc, Pin =3 W
IDQ(A+B) = 500 mA
480
Pout
74
500
510
530
520
440
Gps
f, FREQUENCY (MHz)
Figure 13. Power Gain, Drain Efficiency and Output Power versus
Frequency at a Constant Input Power — 12.5 V
13
17
70
72
70
66
100
90
16.5
16
15.5
15
14.5
14
13.5
450
460
470
490
68
80
VDD = 12.5 Vdc, Pin =3 W
IDQ(A+B) = 500 mA
480
Pout
74
500
510
530
520
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com