Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MP075N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFT05MP075N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MP075N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFT05MP075N Datasheet HTML 5Page - NXP Semiconductors AFT05MP075N Datasheet HTML 6Page - NXP Semiconductors AFT05MP075N Datasheet HTML 7Page - NXP Semiconductors AFT05MP075N Datasheet HTML 8Page - NXP Semiconductors AFT05MP075N Datasheet HTML 9Page - NXP Semiconductors AFT05MP075N Datasheet HTML 10Page - NXP Semiconductors AFT05MP075N Datasheet HTML 11Page - NXP Semiconductors AFT05MP075N Datasheet HTML 12Page - NXP Semiconductors AFT05MP075N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AFT05MP075NR1 AFT05MP075GNR1
9
RF Device Data
Freescale Semiconductor, Inc.
450--520 MHz UHF BROADBAND REFERENCE CIRCUIT
AFT05MP075N Rev. 1
*C14 is mounted vertically.
C15
C16
C17
C18
L1
R1
C1
L2
C3 C5
R2
C4 C6
Q1
C7
R3
C8 C10
C12
C24
C11
C13
C14*
C9
L3
B1
C19
C20
C21
C22
C23
Figure 10. AFT05MP075NR1 UHF Broadband Reference Circuit Component Layout — 450--520 MHz
C2
Table 10. AFT05MP075NR1 UHF Broadband Reference Circuit Component Designations and Values — 450--520 MHz
Part
Description
Part Number
Manufacturer
B1
Ferrite Bead
2661000101
Fair-Rite
C1, C3, C4
10 pF Chip Capacitors
ATC600F100JT250XT
ATC
C2
15 pF Chip Capacitor
ATC600F150JT250XT
ATC
C5, C6
56 pF Chip Capacitors
ATC600F560JT250XT
ATC
C7, C8
33 pF Chip Capacitors
ATC800B330JT500XT
ATC
C9, C10
30 pF Chip Capacitors
ATC800B300JT500XT
ATC
C11, C12
5.6 pF Chip Capacitors
ATC800B5R6CT500XT
ATC
C13
16 pF Chip Capacitor
ATC800B160JT500XT
ATC
C14
100 pF Chip Capacitor
ATC800B101JT500XT
ATC
C15
47 F, 16 V Tantalum Capacitor
T491D476K016AT
Kemet
C16, C21
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C17, C20
200 pF Chip Capacitors
ATC100B201JT300XT
ATC
C18, C19
100 pF Chip Capacitors
ATC100B101JT500XT
ATC
C22
10 F Chip Capacitor
GRM55DR61H106KA88L
Murata
C23
330 F, 35 V Electrolytic Capacitor
MCGPR35V337M10X16-RH
Multicomp
C24
1.5 pF Chip Capacitor
ATC800B1R5CT500XT
ATC
L1
120 nH Chip Inductor
0805CS-121X-LB
CoilCraft
L2
2.55 nH, 3 Turn Inductor
0906-3JLC
CoilCraft
L3
6 Turns, #22 AWG, 0.125 ID
8075 Copper Magnetic Wire
Beldon
Q1
RF Power LDMOS Transistor
AFT05MP075NR1
Freescale
R1
180 , 1/10 W Chip Resistor
RR1220P-181-B-T5
Vishay
R2, R3
10 , 3/4 W Chip Resistors
CRCW201010R0FKEF
Vishay
PCB
0.030, r =4.8
S1000-2, FR4
Shengyi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com