Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MP075N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # AFT05MP075N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MP075N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button AFT05MP075N Datasheet HTML 9Page - NXP Semiconductors AFT05MP075N Datasheet HTML 10Page - NXP Semiconductors AFT05MP075N Datasheet HTML 11Page - NXP Semiconductors AFT05MP075N Datasheet HTML 12Page - NXP Semiconductors AFT05MP075N Datasheet HTML 13Page - NXP Semiconductors AFT05MP075N Datasheet HTML 14Page - NXP Semiconductors AFT05MP075N Datasheet HTML 15Page - NXP Semiconductors AFT05MP075N Datasheet HTML 16Page - NXP Semiconductors AFT05MP075N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AFT05MP075NR1 AFT05MP075GNR1
13
RF Device Data
Freescale Semiconductor, Inc.
450--520 MHz UHF BROADBAND REFERENCE CIRCUIT
Zo =2 
Zload
f = 450 MHz
Zsource
f = 530 MHz
f = 450 MHz
f = 530 MHz
VDD = 12.5 Vdc, IDQ(A+B) = 500 mA, Pout =75 W
f
MHz
Zsource
Zload
450
0.55 + j0.59
0.75 + j0.30
460
0.72 + j0.81
0.82 + j0.39
470
0.79 + j0.93
0.90 + j0.42
480
0.71 + j0.86
0.92 + j0.44
490
0.62 + j0.78
0.93 + j0.41
500
0.60 + j0.74
0.89 + j0.39
510
0.64 + j0.72
0.85 + j0.39
520
0.69 + j0.78
0.79 + j0.39
530
0.70 + j1.03
0.74 + j0.43
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 16. UHF Broadband Series Equivalent Source and Load Impedance — 450--520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com