Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MP075N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFT05MP075N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MP075N Datasheet(HTML) 1 Page - NXP Semiconductors

  AFT05MP075N Datasheet HTML 1Page - NXP Semiconductors AFT05MP075N Datasheet HTML 2Page - NXP Semiconductors AFT05MP075N Datasheet HTML 3Page - NXP Semiconductors AFT05MP075N Datasheet HTML 4Page - NXP Semiconductors AFT05MP075N Datasheet HTML 5Page - NXP Semiconductors AFT05MP075N Datasheet HTML 6Page - NXP Semiconductors AFT05MP075N Datasheet HTML 7Page - NXP Semiconductors AFT05MP075N Datasheet HTML 8Page - NXP Semiconductors AFT05MP075N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AFT05MP075NR1 AFT05MP075GNR1
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
Designed for mobile two--way radio applications with frequencies from
136 to 520 MHz. The high gain, ruggedness and broadband performance of
these devices make them ideal for large--signal, common source amplifier
applications in mobile radio equipment.
Typical Performance: 12.5 V, TA =25C, CW
Frequency
Gps
(dB)
D
(%)
Pout
(W)
136 MHz
21.0
68.0
76
450--520 MHz (1)
14.6
65.8
75
520 MHz (2)
18.5
68.5
70
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test
Voltage
Result
520 (2)
CW
> 65:1 at all
Phase Angles
2
(3 dB Overdrive)
17
No Device
Degradation
1. Measured in 450--520 MHz UHF broadband reference circuit.
2. Measured in 520 MHz narrowband test circuit.
Features
 Characterized for Operation from 136 to 520 MHz
 Unmatched Input and Output Allowing Wide Frequency Range Utilization
 Integrated ESD Protection
 Integrated Stability Enhancements
 Wideband — Full Power Across the Band
 Exceptional Thermal Performance
 Extreme Ruggedness
 High Linearity for: TETRA, SSB, LTE
 In Tape and Reel. R1 Suffix = 500 Units, 44 mm Tape Width, 13--inch Reel.
Typical Applications
 Output Stage VHF Band Mobile Radio
 Output Stage UHF Band Mobile Radio
Document Number: AFT05MP075N
Rev. 1, 8/2014
Freescale Semiconductor
Technical Data
136–520 MHz, 70 W, 12.5 V
BROADBAND
RF POWER LDMOS TRANSISTORS
AFT05MP075NR1
AFT05MP075GNR1
TO--270WB--4
AFT05MP075NR1
TO--270WBG--4
AFT05MP075GNR1
Figure 1. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistors.
(Top View)
Drain A
Drain B
Gate A
Gate B
 Freescale Semiconductor, Inc., 2013–2014. All rights reserved.


Similar Part No. - AFT05MP075N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFT05MS003N NXP-AFT05MS003N Datasheet
1Mb / 20P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 8/2015
AFT05MS004N NXP-AFT05MS004N Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
AFT05MS004NT1 NXP-AFT05MS004NT1 Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
AFT05MS006N NXP-AFT05MS006N Datasheet
996Kb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 2/2014
AFT05MS006NT1 NXP-AFT05MS006NT1 Datasheet
996Kb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 2/2014
More results

Similar Description - AFT05MP075N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MS003N NXP-AFT05MS003N Datasheet
1Mb / 20P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 8/2015
AFT05MS004N NXP-AFT05MS004N Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
AFT05MS006N NXP-AFT05MS006N Datasheet
996Kb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 2/2014
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFT09MS007N NXP-AFT09MS007N Datasheet
1Mb / 28P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 4/2014
AFT09MS015N NXP-AFT09MS015N Datasheet
861Kb / 18P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 7/2014
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com