Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS003N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFT05MS003N Datasheet HTML 1Page - NXP Semiconductors AFT05MS003N Datasheet HTML 2Page - NXP Semiconductors AFT05MS003N Datasheet HTML 3Page - NXP Semiconductors AFT05MS003N Datasheet HTML 4Page - NXP Semiconductors AFT05MS003N Datasheet HTML 5Page - NXP Semiconductors AFT05MS003N Datasheet HTML 6Page - NXP Semiconductors AFT05MS003N Datasheet HTML 7Page - NXP Semiconductors AFT05MS003N Datasheet HTML 8Page - NXP Semiconductors AFT05MS003N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AFT05MS003N
5
RF Device Data
Freescale Semiconductor, Inc.
136–174 MHz VHF BROADBAND REFERENCE CIRCUIT
Table 7. 136–174 MHz VHF Broadband Performance (In Freescale VHF Broadband Reference Circuit,
50 ohm system) VDD =7.5 Volts, IDQ =60 mA, TA =25C, CW
Frequency
(MHz)
Pin
(dBm)
Gps
(dB)
D
(%)
Pout
(W)
135
17.8
17.5
68.1
3.5
155
17.8
17.1
67.1
3.2
175
17.8
17.2
65.6
3.3
Table 8. Load Mismatch/Ruggedness (In Freescale VHF Broadband Reference Circuit)
Frequency
(MHz)
Signal
Type
VSWR
Pin
(dBm)
Test Voltage, VDD
Result
155
CW
> 65:1 at all
Phase Angles
20.0
9.0
No Device
Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com