Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS003N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button AFT05MS003N Datasheet HTML 6Page - NXP Semiconductors AFT05MS003N Datasheet HTML 7Page - NXP Semiconductors AFT05MS003N Datasheet HTML 8Page - NXP Semiconductors AFT05MS003N Datasheet HTML 9Page - NXP Semiconductors AFT05MS003N Datasheet HTML 10Page - NXP Semiconductors AFT05MS003N Datasheet HTML 11Page - NXP Semiconductors AFT05MS003N Datasheet HTML 12Page - NXP Semiconductors AFT05MS003N Datasheet HTML 13Page - NXP Semiconductors AFT05MS003N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS003N
350–520 MHz UHF BROADBAND REFERENCE CIRCUIT — 0.83 1.86 (2.1 cm  4.7 cm)
D70894
C1
AFT05MS003N Rev. 0 (350–520 MHz)
C2
L1
C3
L2
C4
R3
R2
R1
C5
C6
B1
J1
C7
B2
Q1
L3
C8
C9
Figure 9. AFT05MS003N UHF Broadband Reference Circuit Component Layout — 350–520 MHz
L6
C12
C11
L5
C10
L4
Table 12. AFT05MS003N UHF Broadband Reference Circuit Component Designations and Values — 350–520 MHz
Part
Description
Part Number
Manufacturer
B1, B2
RF Beads
2743019447
Fair-Rite
C1, C8, C12
100 pF Chip Capacitors
ATC100A101JT150XT
ATC
C2
9.0 pF Chip Capacitor
GQM2195C2E9R0BB12D
Murata
C3
10 pF Chip Capacitor
GQM2195C2E100FB12D
Murata
C4, C9
39 pF Chip Capacitors
GQM2195C2E390GB12D
Murata
C5
100 pF Chip Capacitor
GQM2195C2E101GB12D
Murata
C6
1.0 F Chip Capacitor
GRM31CR72A105KA01L
Murata
C7
10 F Chip Capacitor
GRM31CR61H106KA12L
Murata
C10
15 pF Chip Capacitor
GQM2195C2E150FB12D
Murata
C11
3.9 pF Chip Capacitor
GQM2195C2E3R9BB12D
Murata
J1
Right-Angle Breakaway Headers (3 pins)
22-28-8360
Molex
L1
2.2 nH Inductor
L06032E2CGS
AVX
L2, L5
6.8 nH Inductors
ATC0805WL6R8
ATC
L3
19 nH Inductor
0806SQ19N
Coilcraft
L4
5.6 nH Inductor
L08055R6CEW
AVX
L6
1.8 nH Inductor
L08051E8CGS
AVX
Q1
RF Power LDMOS Transistor
AFT05MS003NT1
Freescale
R1, R2
22 , 1/10 W Chip Resistor
RR1220Q-220-D
Susumu
R3
1.5  1/10 W Chip Resistor
RC1206FR-071R5L
Yageo
PCB
0.020, r = 4.8, FR4 (S--1000)
D70894
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com