Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS003N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFT05MS003N Datasheet HTML 2Page - NXP Semiconductors AFT05MS003N Datasheet HTML 3Page - NXP Semiconductors AFT05MS003N Datasheet HTML 4Page - NXP Semiconductors AFT05MS003N Datasheet HTML 5Page - NXP Semiconductors AFT05MS003N Datasheet HTML 6Page - NXP Semiconductors AFT05MS003N Datasheet HTML 7Page - NXP Semiconductors AFT05MS003N Datasheet HTML 8Page - NXP Semiconductors AFT05MS003N Datasheet HTML 9Page - NXP Semiconductors AFT05MS003N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS003N
136–174 MHz VHF BROADBAND REFERENCE CIRCUIT — 0.83 1.86 (2.1 cm  4.7 cm)
D61839
C1
C2
L1
C5
C11
C13
J1
L4
L5
C8
L6
C9
C10
C12
R1
L2
C3
C4
C6
C7
C15
C14
C16
C17 C18
L3
C19
Figure 4. AFT05MS003N VHF Broadband Reference Circuit Component Layout — 136–174 MHz
Q1
AFT05MS003N Rev. 0 (136–174 MHz)
Table 9. AFT05MS003N VHF Broadband Reference Circuit Component Designations and Values — 136–174 MHz
Part
Description
Part Number
Manufacturer
C1, C11
1500 pF Chip Capacitors
C2012X7R2A152K085AM
TDK
C2, C3, C4, C5, C8
56 pF Chip Capacitors
GQM2195C2E560GB12D
Murata
C6, C7
47 pF Chip Capacitors
GQM2195C2E470GB12D
Murata
C9
39 pF Chip Capacitor
GQM2195C2E390GB12D
Murata
C10
20 pF Chip Capacitor
GQM2195C2E200GB12D
Murata
C12, C13
10 F, 50 V Electrolytic Capacitors
UVR1H100MDD
Nichicon
C14, C19
1 F Chip Capacitors
GRM21BR71H105KA12L
Murata
C15, C18
1 nF Chip Capacitors
C2012X7R2E102M
TDK
C16, C17
100 pF Chip Capacitors
ATC600F101JT250XT
ATC
J1
Right-Angle Breakaway Headers (3 pins)
22-28-8360
Molex
L1
12.1 nH Inductor
0908SQ12N
Coilcraft
L2
11.2 nH Inductor
0807SQ11N
Coilcraft
L3, L4
25.0 nH Inductors
0908SQ25N
Coilcraft
L5
17.0 nH Inductor
0908SQ17N
Coilcraft
L6
23.0 nH Inductor
0908SQ23N
Coilcraft
Q1
RF Power LDMOS Transistor
AFT05MS003NT1
Freescale
R1
100 , 1/4 W Chip Resistor
CRCW1206100RFKEA
Vishay
PCB
0.020, r = 4.8, FR4 (S--1000)
D61839
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com