Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS003N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AFT05MS003N Datasheet HTML 7Page - NXP Semiconductors AFT05MS003N Datasheet HTML 8Page - NXP Semiconductors AFT05MS003N Datasheet HTML 9Page - NXP Semiconductors AFT05MS003N Datasheet HTML 10Page - NXP Semiconductors AFT05MS003N Datasheet HTML 11Page - NXP Semiconductors AFT05MS003N Datasheet HTML 12Page - NXP Semiconductors AFT05MS003N Datasheet HTML 13Page - NXP Semiconductors AFT05MS003N Datasheet HTML 14Page - NXP Semiconductors AFT05MS003N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AFT05MS003N
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 350–520 MHz UHF BROADBAND
REFERENCE CIRCUIT
350
Gps
f, FREQUENCY (MHz)
Figure 10. Power Gain, Drain Efficiency and Output Power
versus Frequency at a Constant Pin
12
20
1
85
75
65
55
4
3
2
D
19
17
13
410
430
45
VDD =7.5 Vdc
Pin = 20.0 dBm
IDQ =50 mA
Pout
18
16
15
14
450
390
530
370
470
490
510
11
5
0
1
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 11. Output Power versus Gate--Source Voltage
5
1.5
2
2.5
3
4.5
2.5
4
3
f = 435 MHz, VDD =7.5 Vdc
Pin = 20.0 dBm
0
1
Detail A
1.5
1.8
Detail A
VGS, GATE--SOURCE VOLTAGE (VOLTS)
3.5
0.2
2.5
1.3
0.4
0.6
1
0.8
4
3.5
1.5
2
0.5
1
0.9
0.7
0.5
0.3
0.1
2
2.3
Pin = 17.0 dBm
f = 435 MHz, VDD =7.5 Vdc
Pin = 20.0 dBm
Pin = 17.0 dBm
Figure 12. Power Gain, Drain Efficiency and Output
Power versus Input Power and Frequency
Pin, INPUT POWER (mW)
13
17
0
220
Gps
0
3
23
25
70
90
20
Pout
VDD =7.5 Vdc
IDQ =50 mA
15
520 MHz
520 MHz
D
435 MHz
27
11
7
50
30
4
2
19
21
435 MHz
1
5
10
435 MHz
350 MHz
350 MHz
9
40
60
80 100 120 140 160 180 200
350 MHz 520 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com