Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS003N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFT05MS003N Datasheet HTML 3Page - NXP Semiconductors AFT05MS003N Datasheet HTML 4Page - NXP Semiconductors AFT05MS003N Datasheet HTML 5Page - NXP Semiconductors AFT05MS003N Datasheet HTML 6Page - NXP Semiconductors AFT05MS003N Datasheet HTML 7Page - NXP Semiconductors AFT05MS003N Datasheet HTML 8Page - NXP Semiconductors AFT05MS003N Datasheet HTML 9Page - NXP Semiconductors AFT05MS003N Datasheet HTML 10Page - NXP Semiconductors AFT05MS003N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AFT05MS003N
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 136–174 MHz VHF BROADBAND
REFERENCE CIRCUIT
125
Gps
f, FREQUENCY (MHz)
Figure 5. Power Gain, Drain Efficiency and Output Power
versus Frequency at a Constant Pin
12
21
1
75
65
55
45
4
3
2
D
19
17
13
165
35
VDD =7.5 Vdc
Pin = 17.8 dBm
IDQ =60 mA
Pout
18
16
15
14
155
135
185
20
145
5
175
0
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 6. Output Power versus Gate--Source Voltage
4
0.5
1.5
2
3
2.5
0.5
f = 155 MHz, VDD =7.5 Vdc
Pin = 13.0 dBm
0
0
Detail A
0.5
1.5
Detail A
VGS, GATE--SOURCE VOLTAGE (VOLTS)
1.5
0.1
2.5
1
0.2
0.6
4
1
2
1
2.5
2
0.3
Pin = 16.0 dBm
3
3.5
3.5
0.4
0.5
f = 155 MHz, VDD =7.5 Vdc
Pin = 13.0 dBm
Pin = 16.0 dBm
3
Figure 7. Power Gain, Drain Efficiency and Output
Power versus Input Power and Frequency
Pin, INPUT POWER (mW)
17
0110
Gps
4
0
2
19
21
20
60
80
10
Pout
VDD =7.5 Vdc
IDQ =60 mA
15
155 MHz
155 MHz
175 MHz
135 MHz
D
135 MHz
27
9
40
1
11
23
25
175 MHz
13
20
30
40
50
60
70
80
90 100
0
135 MHz
175 MHz
155 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com