Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS003N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button AFT05MS003N Datasheet HTML 8Page - NXP Semiconductors AFT05MS003N Datasheet HTML 9Page - NXP Semiconductors AFT05MS003N Datasheet HTML 10Page - NXP Semiconductors AFT05MS003N Datasheet HTML 11Page - NXP Semiconductors AFT05MS003N Datasheet HTML 12Page - NXP Semiconductors AFT05MS003N Datasheet HTML 13Page - NXP Semiconductors AFT05MS003N Datasheet HTML 14Page - NXP Semiconductors AFT05MS003N Datasheet HTML 15Page - NXP Semiconductors AFT05MS003N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT05MS003N
350–520 MHz UHF BROADBAND REFERENCE CIRCUIT
Zo =10 
f = 520 MHz
Zsource
Zload
f = 350 MHz
f = 350 MHz
f = 520 MHz
f
MHz
Zsource
Zload
350
6.90 + j6.70
4.89 + j4.10
360
7.22 + j6.96
4.95 + j4.48
370
7.60 + j7.15
5.04 + j4.83
380
7.94 + j7.62
5.15 + j5.14
390
8.34 + j7.66
5.28 + j5.42
400
8.65 + j7.61
5.44 + j5.65
410
8.97 + j7.37
5.58 + j5.82
420
9.08 + j7.06
5.73 + j5.90
430
8.91 + j6.73
5.86 + j5.95
440
8.63 + j6.34
5.94 + j5.90
450
8.14 + j6.04
5.95 + j5.81
460
7.49 + j5.89
5.87 + j5.66
470
6.77 + j5.95
5.68 + j5.51
480
6.05 + j6.21
5.39 + j5.39
490
5.38 + j6.64
5.03 + j5.33
500
4.80 + j7.20
4.60 + j5.35
510
4.30 + j7.86
4.16 + j5.47
520
3.94 + j8.57
3.68 + j5.71
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 13. UHF Broadband Series Equivalent Source and Load Impedance — 350–520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com