Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT05MS003N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # AFT05MS003N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS003N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button AFT05MS003N Datasheet HTML 9Page - NXP Semiconductors AFT05MS003N Datasheet HTML 10Page - NXP Semiconductors AFT05MS003N Datasheet HTML 11Page - NXP Semiconductors AFT05MS003N Datasheet HTML 12Page - NXP Semiconductors AFT05MS003N Datasheet HTML 13Page - NXP Semiconductors AFT05MS003N Datasheet HTML 14Page - NXP Semiconductors AFT05MS003N Datasheet HTML 15Page - NXP Semiconductors AFT05MS003N Datasheet HTML 16Page - NXP Semiconductors AFT05MS003N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AFT05MS003N
13
RF Device Data
Freescale Semiconductor, Inc.
520 MHz NARROWBAND PRODUCTION TEST FIXTURE — 3 5 (7.62 cm  12.7 cm)
Figure 14. AFT05MS003N Narrowband Production Test Circuit Component Layout — 520 MHz
AFT05MS003N
Rev. 0
D74527
C1
C2
C3
C4
C5
C9
C10
C11
C12
C14
L2
L1
C16
B1
C6
C8
C7
C13
R1
R2
R3
R4
R5
C15
R6
Table 13. AFT05MS003N Narrowband Production Test Circuit Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
B1
Short RF Bead
2743019447
Fair--Rite
C1
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C2, C11
0.1 F Chip Capacitors
CDR33BX104AKWS
Kemet
C3, C10
0.01 F Chip Capacitors
C0805C103K5RAC
Kemet
C4, C9
180 pF Chip Capacitors
ATC100B181JT300XT
ATC
C5
68 pF Chip Capacitor
ATC100B680JT500XT
ATC
C6, C7
18 pF Chip Capacitors
ATC100B180JT500XT
ATC
C8
4.7 pF Chip Capacitor
ATC100B4R7JT500XT
ATC
C12
330 F, 35 V Electrolytic Capacitor
MCGPR35V337M10X16--RH
Multicomp
C13
13 pF Chip Capacitor
ATC100B130JT500XT
ATC
C14
16 pF Chip Capacitor
ATC100B160JT500XT
ATC
C15
3.3 pF Chip Capacitor
ATC100B3R3JT500XT
ATC
C16
6.8 pF Chip Capacitor
ATC100B6R8CT500XT
ATC
L1
8 nH, 3 Turn Inductor
A03TKLC
Coilcraft
L2
5 nH, 2 Turn Inductor
A02TKLC
Coilcraft
R1, R2, R3, R4, R5, R6
3.9 , 1/4 W Chip Resistors
RC1206FR--073R9L
Yageo
PCB
Rogers RO4350, 0.030, r =3.66
D74527
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com