Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BVMPX Datasheet(PDF) 39 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 39 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 35Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 36Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 37Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 38Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 39Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 40Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 41Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 42Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
www.onsemi.com
39
Table 40. FAULTCTRL
Address: 1Bh
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Fault Control Description
7:4
Reserved
R
4
Reserved: 0000b
3
DISCH_TIMER_DIS
R/W
1
Auto and Force VBUS Discharge Timer Enable
0b: VBUS Discharge timer is enabled
1b: VBUS Discharge timer is disabled
2
Reserved
R
1
Reserved: 0b
1
Reserved
R
1
Reserved: 0b
0
VCONN_OCP_DIS
R/W
1
VCONN OCP Enable
0b: VCONN OCP Enabled
1b: VCONN OCP Disabled
Table 41. PWRCTRL
Address: 1Ch
Reset Value: 0x60
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Power Control Description
7
Reserved
R
1
Reserved: 0b
6
DIS_VBUS_MON
(Note 25)
R/W
1
Controls VBUS_VOLTAGE_L Monitoring.
0b: VBUS Voltage Monitoring is enabled
1b: VBUS Voltage Monitoring is disabled
5
DIS_VALARM
R/W
1
Disables VALARMHCFGL and VALARMLCFGL
0b: Voltage Alarm reporting is enabled
1b:Voltage Alarm reporting is disabled
4
AUTO_DISCH
(Notes 26, 28)
R/W
1
Auto Discharge on Disconnect
0b: Turn Off Automatically Discharge VBUS based on VBUS Voltage
1b: Turn On Automatically Discharge VBUS based on VBUS Voltage
3
EN_BLEED_DISCH
(Note 30)
R/W
1
Enable Bleed Discharge
0b: Disable bleed discharge of VBUS
1b: Enable bleed discharge of VBUS
2
FORCE_DISCH
(Note 27, 29)
R/W
1
Force Discharge
0b: Disable forced discharge of VBUS
1b: Enable forced discharge of VBUS
1
VCONN_PWR
R/W
1
VCONN Power Supported
Writing this bit has no function. Please use VCONN_OCP to set
OCP values
0
EN_VCONN
R/W
1
Enable VCONN
0b: Disable VCONN Source (default)
1b: Enable VCONN Source to CC
25. If VBUS_MON is disabled, VBUS_VOLTAGE_L and VBUS_VOLTAGE_H reports all zeroes.
26. Setting this bit in a Source FUSB307B triggers the following actions upon disconnection detection:
1. Disable sourcing power over Vbus
2. VBUS discharge
27. Sourcing power over Vbus shall be disabled before or at same time as starting VBUS discharge.
28. Setting this bit in a Sink FUSB307B triggers the following action upon disconnection detection:
1. VBUS discharge
29. The FUSB307B will automatically disable discharge once the voltage on VBUS is below vSafe0V (max.).
30. Bleed Discharge is a low current discharge to provide a minimum load current if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com