Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BVMPX Datasheet(PDF) 8 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 4Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 5Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 6Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 7Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 8Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 9Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 10Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 11Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
FUSB307B
www.onsemi.com
8
VCONN Control
The FUSB307B integrates a CCx to VCONN switch with
programmable OCP capability via the VCONN_OCP
register. If PWRCTRL.VCONN_PWR is set to 0, the
standard VCONN current limit is used (210.5 mA). If
PWRCTRL.VCONN_PWR is set to 1, the programmable
VCONN_OCP is used.
The VCONN switch can be enabled via the PWRCTRL
register bits EN_VCONN and TCPC_CTRL.ORIENT bits
(for CC1/2 selection).
A VCONN valid voltage is monitored and reported on
PWRSTAT.VCONN_VAL. The valid voltage threshold is
fixed at 2.4 V.
Debug Accessory Support
The FUSB307B implements autonomous detection of
Source and Sink debug accessories. A debug accessory
detection is indicated via a standard output. The FUSB307B
powers on looking for a debug accessories without
processor intervention.
If debug accessory detection is not wanted, the processor can
write TCPC_CTRL.DEBUG_ACC_CTRL = 1b.
Type−C Manual Mode Detection
The CC pull up (Rp) or pull down (Rd) resistors and DRP
toggle are setup via the ROLECTRL register.If a TCPM
wishes
to
control
Rp/Rd
directly,
it
can
write
ROLECTRL.DRP = 0b and the desired ROLECTRL bits
[3:0] (CC1/CC2).
The FUSB307B can autonomously toggle the Rp/Rd by
setting ROLECTRL.DRP = 1b and the starting value of
Rp/Rd in ROLECTRL.bits [3:0]. DRP toggling starts by
writing to the COMMAND register
If ROLECTRL.DRP = 1b, the only allowed values for
CC1/CC2 in ROLECTRL bits [3:0] are Rp/Rp or Rd/Rd.
When ROLECTRL bits 3:0 are set to Open and
ROLECTRL.DRP = 0b, the PHY and CC comparators are
powered down.
The FUSB307B updates the CCSTAT register on a
Connect, Disconnect, a change in ROLECTRL.DRP or a
change (tTCPCFilter debounced) on the CC1 or CC2 wire.
The TCPM reads CCSTAT upon detecting an interrupt
and seeing the ALERTL.I_CCSTAT = 1. The FUSB307B
indicates the DRP status, the DRP result, and the current CC
status in this register.
The FUSB307B will set CCSTAT.LOOK4CON = 0b
when it has stopped toggling as a DRP.
The TCPM reads the CCSTAT.LOOK4CON to determine
if the FUSB307B is toggling Rp/Rd when operating as a
DRP, it then reads CCSTAT.CON_RES to determine if the
FUSB307B is presenting an Rp or Rd and read the
CCSTAT.CC1_STAT
and
CCSTAT.CC2_STAT
to
determine the CC1 and CC2 states.
The FUSB307B debounces the CC lines for tTCPCfilter
before reporting the status on CCSTAT. The TCPM must
complete the debounce as defined in Type−C Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com