Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BVMPX Datasheet(PDF) 52 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 52 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 48Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 49Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 50Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 51Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 52Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 53Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 54Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 55Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
www.onsemi.com
52
Table 73. VCONN_OCP
Address: A0h
Reset Value: 0x0F
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
VCONN Current Limit Description (Note 42)
7:4
R
4
Reserved: 0b
3
OCP_RANGE
R/W
1
0b: OCP Range between 10 mA – 80 mA
(max_range = 80 mA)
1b: OCP Range between 100 mA – 800 mA
(max_range = 800 mA)
2:0
OCP_CUR
R/W
3
000b: max_range/8
001b: 2
× max_range/8
010b: 3
× max_range/8
011b: 4
× max_range/8
100b: 5
× max_range/8
101b: 6
× max_range/8
110b: 7
× max_range/8
111b: max_range (see OCP_RANGE definition above)
42. Only used if VCONN_OCP Register PWRCTRL.EN_VCONN is set to 1.
Table 74. RESET
Address: A2h
Reset Value: 0x00
Type: ReadW/Write (Self Clearing)
Bit #
Name
R/W/C
Size (Bits)
Reset Description
7:2
Reserved
R
6
Reserved:000000b
1
PD_RST
R/W
1
0b: No Action
1b: Reset PD−PHY and PD−FSMs
0
SW_RST
R/W
1
0b: No Action
1b: Reset all registers to default
Table 75. GPIO1_CFG
Address: A4h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
General Purpose I/O 1 Configuration
7:3
Reserved
R
5
Reserved:00000b
2
GPO1_VAL
R/W
1
If GPO1_EN = 1
0b: Set output = 0
1b: Set output = 1
1
GPI1_EN
R/W
1
0b: Input buffer disabled
1b: Input Buffer enabled
(Input state can be read in GPIO_STAT Register)
0
GPO1_EN
R/W
1
0b: GPO is High−Z
1b: GPO is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com