Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BVMPX Datasheet(PDF) 22 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 22 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 18Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 23Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 24Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 25Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
FUSB307B
www.onsemi.com
22
Figure 18. Transmitter Test Load
Vcom
cReceiver
Vcom
cReceiver
cCablePlug
cCablePlug
Switch
DRP
DRP
Switch
Cable
Connector
Connector
Table 9.
USB-PD R3.0 SPECIFIC PARAMETERS
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ = −40 to +1255C
Unit
Min
Typ
Max
TRANSMITTER
rFRSwapTx
Fast Role Swap request transmit driver resistance
Measured from VCCx = 0 to vFRSwapCableTx
5
Ω
tFRSwapTx
Fast Role Swap request transmit duration
60
120
μs
RECEIVER
tFRSwapRx
Fast Role Swap request detection time
30
50
μs
vFRSwapCableTx
Fast Role Swap request voltage detection threshold
490
520
550
mV
Table 10.
TYPE C SPECIFIC PARAMETERS
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ = −40 to +1255C
Unit
Min
Typ
Max
RSW_CCx
RDSON for VCONN to CC1 or VCONN to CC2
0.4
1.0
Ω
ISW_CCX
Over Current Protection (OCP) limit at which VCONN switch
shuts off over the entire VCONN voltage range
VCONN_OCP = 0Fh
600
800
1000
mA
tSoftStart
Time taken for the VCONN switch to turn on during which Over−
Current Protection is disabled
1.5
ms
I80_CCX
DFP 80
μA CC Current (Default) ROLECTRL = 05h
64
80
96
μA
I180_CCX
DFP 180
μA CC Current (1.5 A) ROLECTRL = 15h
166
180
194
μA
I330_CCX
DFP 330
μA CC Current (3 A) ROLECTRL = 25h
304
330
356
μA
VUFPDB
UFP pull−down voltage in dead battery under all pull−up DFP
loads
2.18
V
RDEVICE
Device pull−down resistance (Note 12)
4.6
5.1
5.6
k
Ω
Ra
Powered Accessory Termination
800
1200
Ω
vRa−SRCdef
Ra Detection Threshold for CC Pin for Source for Default Current
on VBUS
0.15
0.20
0.25
V
vRa−SRC1.5A
Ra Detection Threshold for CC Pin for Source for 1.5 A Current
on VBUS
0.35
0.40
0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com