Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BVMPX Datasheet(PDF) 33 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 33 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 29Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 30Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 31Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 32Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 33Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 34Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 35Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 36Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
www.onsemi.com
33
Table 25. TYPECREVL
Address: 06h
Reset Value: 0x12h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Type−C Revision Low Description
7:0
TYPECREVL
R
8
Type−C Revision Low: 12h
Table 26. TYPECREVH
Address: 07h
Reset Value: 0x00h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Type−C Revision High Description
7:0
TYPECREVH
R
8
Type−C Revision High: 00h
Table 27. USBPDVER
Address: 08h
Reset Value: 0x12h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
USB−PD Version Description
7:0
USBPDVER
R
8
USB−PD Version: 12h
Table 28. USBPDREV
Address: 09h
Reset Value: 0x20h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
USB−PD Revision Description
7:0
USBPDREV
R
8
USB−PD Revision: 20h
Table 29. PDIFREVL
Address: 0Ah
Reset Value: 0x12h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
USB−PD Interface Revision Low Description
7:0
PDIFREVL
R
8
USB−PD IF Version: 12h
Table 30. PDIFREVH
Address: 0Bh
Reset Value: 0x10h
Type: Read
Bit #
Name
R/W/C
Size (Bits)
USB−PD Interface Revision High Description
7:0
PDIFREVH
R
8
USB−PD IF Revision: 10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com